Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC400T Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC400T
Description  Compact, Surface Mount Type OPIC Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC400T Datasheet(HTML) 1 Page - Sharp Corporation

  PC400T Datasheet HTML 1Page - Sharp Corporation PC400T Datasheet HTML 2Page - Sharp Corporation PC400T Datasheet HTML 3Page - Sharp Corporation PC400T Datasheet HTML 4Page - Sharp Corporation PC400T Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
s Applications
Symbol
Rating
Unit
Input
IF
mA
V R
V
PmW
Output
V CC
V
V
mW
V iso
Operating temperature
T opr
˚C
Storage temperature
T stg
˚C
T sol
260
˚C
s Features
s Outline Dimensions
3. Isolation voltage between input and output
1. Hybrid substrate which requires high den-
2. Personal computers, office computers and
3. Electronic musical instruments
sity mounting
peripheral equipment
PC400
PC400
*1 Isolation voltege
*2
Total power dissipation
V OH
IOL
P O
P tot
50
6
70
16
16
50
130
150
- 25 to + 85
- 40 to + 125
mA
mW
s Package Specifications
1
1 Anode
2 NC
6 Vcc
5 GND
4 Vo
3
654
Anode mark
PC400
Internal connection
diagram
Voltage regulator
2. “ Low ” output during light emission
1. Mini-flat package
( Viso
rms )
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
( Ta = 25˚C)
s Absolute Maximum Ratings
(Input Side)
6˚
1
3
6
Amp.
5
4
Compact, Surface Mount Type
OPIC Photocoupler
Forward current
Reverse voltage
Power dissipation
Supply voltage
High level output voltege
Low level output current
Power dissipation
Parameter
( Unit : mm)
*1 AC for 1 minute, 40 to 60% RH
*2 For 10 seconds
Soldering temperature
Soldering area
4. TTL and LSTTL compatible output
5. Recognized by UL(No.E64380)
Model No.
Package specifications
Diameter of reel
Tape width
PC400
φ 370mm
12mm
PC400T
Taping package
( Net: 750pcs. )
φ 178mm
12mm
PC400Z
Sleeve package
( Net: 100pcs. )
--
: 3 750V
Taping package
( Net:3 000pcs. )
V rms
3 750
C0.4
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
* “ OPIC ” ( Optical IC ) is a trademark of the SHARP Corporation.
1.27 ± 0.25
2.54 ± 0.25
0.4 ± 0.1
3.6 ± 0.3
5.3 ± 0.3
0.5
+ 0.4
- 0.2
7.0
+ 0.2
- 0.7
3 Cathode


Similar Part No. - PC400T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400T SHARP-PC400T Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
More results

Similar Description - PC400T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC400 SHARP-PC400 Datasheet
50Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC401 SHARP-PC401 Datasheet
54Kb / 4P
Compact, Surface Mount Type OPIC Photocoupler
PC410 SHARP-PC410 Datasheet
50Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC417 SHARP-PC417 Datasheet
58Kb / 5P
Compact, Surface Mount Ultra-high Speed Response OPIC Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC400TJ0000F SHARP-PC400TJ0000F Datasheet
74Kb / 5P
Compact, Surface Mount Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com