Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC662CM Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC662CM
Description  LMC662 CMOS Dual Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC662CM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC662CM Datasheet HTML 4Page - Texas Instruments LMC662CM Datasheet HTML 5Page - Texas Instruments LMC662CM Datasheet HTML 6Page - Texas Instruments LMC662CM Datasheet HTML 7Page - Texas Instruments LMC662CM Datasheet HTML 8Page - Texas Instruments LMC662CM Datasheet HTML 9Page - Texas Instruments LMC662CM Datasheet HTML 10Page - Texas Instruments LMC662CM Datasheet HTML 11Page - Texas Instruments LMC662CM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
LMC662
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
www.ti.com
However, if the feedback pole is less than approximately 6 to 10 times the “ideal”
−3 dB frequency, a feedback
capacitor, CF, should be connected between the output and the inverting input of the op amp. This condition can
also be stated in terms of the amplifier's low-frequency noise gain: To maintain stability, a feedback capacitor will
probably be needed if:
(2)
where:
(3)
is the amplifier's low-frequency noise gain and GBW is the amplifier's gain bandwidth product. An amplifier's low-
frequency noise gain is represented by the formula:
(4)
regardless of whether the amplifier is being used in an inverting or non-inverting mode. Note that a feedback
capacitor is more likely to be needed when the noise gain is low and/or the feedback resistor is large.
If the above condition is met (indicating a feedback capacitor will probably be needed), and the noise gain is
large enough that:
(5)
the following value of feedback capacitor is recommended:
(6)
If
(7)
the feedback capacitor should be:
(8)
Note that these capacitor values are usually significantly smaller than those given by the older, more
conservative formula:
(9)
CS consists of the amplifier's input capacitance plus any stray capacitance from the circuit board and socket. CF
compensates for the pole caused by CS and the feedback resistor.
Figure 16. General Operational Amplifier Circuit
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com