Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC662CM Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMC662CM
Description  LMC662 CMOS Dual Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC662CM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMC662CM Datasheet HTML 9Page - Texas Instruments LMC662CM Datasheet HTML 10Page - Texas Instruments LMC662CM Datasheet HTML 11Page - Texas Instruments LMC662CM Datasheet HTML 12Page - Texas Instruments LMC662CM Datasheet HTML 13Page - Texas Instruments LMC662CM Datasheet HTML 14Page - Texas Instruments LMC662CM Datasheet HTML 15Page - Texas Instruments LMC662CM Datasheet HTML 16Page - Texas Instruments LMC662CM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LMC662
www.ti.com
SNOSC51C – APRIL 1998 – REVISED MARCH 2013
(V
+ = 5.0 V
DC)
Figure 27. Instrumentation Amplifier
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects
CMRR. Gain may be adjusted through R2. CMRR may be adjusted through R7.
Oscillator frequency is determined by R1, R2, C1, and C2:
fOSC = 1/2πRC
where R = R1 = R2 and C = C1 = C2.
Figure 28. Sine-Wave Oscillator
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-peak output swing of 4.5V
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC662



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com