Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5508 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5508 Datasheet HTML 1Page - Renesas Technology Corp 2SC5508 Datasheet HTML 2Page - Renesas Technology Corp 2SC5508 Datasheet HTML 3Page - Renesas Technology Corp 2SC5508 Datasheet HTML 4Page - Renesas Technology Corp 2SC5508 Datasheet HTML 5Page - Renesas Technology Corp 2SC5508 Datasheet HTML 6Page - Renesas Technology Corp 2SC5508 Datasheet HTML 7Page - Renesas Technology Corp 2SC5508 Datasheet HTML 8Page - Renesas Technology Corp 2SC5508 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SC5508
Chapter Title
R09DS0055EJ0200 Rev.2.00
Page 4 of 8
Mar 5, 2013
Gain Characteristics
Collector Current IC (mA)
Collector Current IC (mA)
40
35
30
25
20
15
10
5
0
Frequency f (GHz)
0.1
1.0
10.0
MAG
MSG
|S21e|2
VCE = 2 V
IC = 20 mA
30
25
20
15
10
5
0
1
10
100
MSG
|S21e|2
f = 1 GHz
VCE = 2 V
30
25
20
15
10
5
0
1
10
100
MSG
|S21e|2
MAG
f = 2 GHz
VCE = 2 V
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
INSERTION POWER GAIN, MSG
vs. COLLECTOR CURRENT
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Output Characteristics
Input Power Pin (dBm)
125
100
75
50
25
0
Input Power Pin (dBm)
20
15
10
5
0
–5
–20
–15
–10
–5
0
5
Pout
IC
f = 2 GHz
VCE = 2 V
20
15
10
5
0
–5
125
100
75
50
25
0
–20
–15
–10
–5
0
5
Pout
IC
f = 1 GHz
VCE = 2 V
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
OUTPUT POWER, COLLECTOR
CURRENT vs. INPUT POWER
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com