Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5508 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5508
Description  NPN SILICON RF TRANSISTOR FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5508 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5508 Datasheet HTML 1Page - Renesas Technology Corp 2SC5508 Datasheet HTML 2Page - Renesas Technology Corp 2SC5508 Datasheet HTML 3Page - Renesas Technology Corp 2SC5508 Datasheet HTML 4Page - Renesas Technology Corp 2SC5508 Datasheet HTML 5Page - Renesas Technology Corp 2SC5508 Datasheet HTML 6Page - Renesas Technology Corp 2SC5508 Datasheet HTML 7Page - Renesas Technology Corp 2SC5508 Datasheet HTML 8Page - Renesas Technology Corp 2SC5508 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R09DS0055EJ0200 Rev.2.00
Page 1 of 8
Mar 5, 2013
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
2SC5508
NPN SILICON RF TRANSISTOR
FOR LOW-NOISE, HIGH-GAIN AMPLIFICATION
FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
FEATURES
• Ideal for low-noise, high-gain amplification applications
• NF = 1.1 dB TYP., Ga = 16 dB TYP. @ VCE = 2 V, IC = 5 mA, f = 2 GHz
• Maximum available power gain: MAG = 19 dB TYP. @ VCE = 2 V, IC = 20 mA, f = 2 GHz
• fT = 25 GHz technology adopted
• Flat-lead 4-pin thin-type super minimold (M04) package
ORDERING INFORMATION
Part Number
Order Number
Quantity
Package
Supplying Form
2SC5508
2SC5508-A
50 pcs (Non reel)
2SC5508-T2
2SC5508-T2-A
3 kpcs/reel
2SC5508-T2B
2SC5508-T2B-A
15 kpcs/reel
Flat-lead 4-pin
thin-type super
minimold (M04)
(Pb-Free)
• 8 mm wide embossed taping
• Pin 1 (Emitter), Pin 2 (Collector) face
the perforation side of the tape
Remark To order evaluation samples, please contact your nearby sales office.
The unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TC = 25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
15
V
Collector to Emitter Voltage
VCEO
3.3
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
35
mA
Total Power Dissipation
Ptot
Note
115
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air.
THERMAL RESISTANCE
Parameter
Symbol
Ratings
Unit
Junction to Case Resistance
Rth j-c
150
°C /W
Junction to Ambient Resistance
Rth j-a
650
°C /W
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0055EJ0200
Rev.2.00
Mar 5, 2013
<R>


Similar Part No. - 2SC5508

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5508 NEC-2SC5508 Datasheet
106Kb / 16P
NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
2SC5508-T2 NEC-2SC5508-T2 Datasheet
106Kb / 16P
NPN SILICON RF TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
logo
Renesas Technology Corp
2SC5508 RENESAS-2SC5508_15 Datasheet
229Kb / 10P
NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC5508

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
Renesas Technology Corp
2SC3355 RENESAS-2SC3355 Datasheet
248Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
2SC5606 RENESAS-2SC5606 Datasheet
201Kb / 9P
NPN SILICON RF TRANSISTOR FOR LOW NOISE HIGH-GAIN AMPLIFICATION
logo
California Eastern Labs
NE85634 CEL-NE85634 Datasheet
216Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
NE68719 CEL-NE68719 Datasheet
189Kb / 5P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR LOW-NOISE MICROWAVE AMPLIFICATION FOR LOW-NOISE MICROWAVE AMPLIFICATION
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com