Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8845AECT250Z Datasheet(PDF) 17 Page - Analog Microelectronics

Part # AME8845AECT250Z
Description  3A CMOS LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845AECT250Z Datasheet(HTML) 17 Page - Analog Microelectronics

Back Button AME8845AECT250Z Datasheet HTML 11Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 12Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 13Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 14Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 15Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 16Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 17Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 18Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 19Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
AME
17
AME8845
3A CMOS LDO
Rev.C.03
n Package Dimension
TO-263-3
A
B
R
H
G
K
N
E
D
P
Top View
Side View
B1
A2
Bottom View
PIN 1
C
Front View
MIN
MAX
MIN
MAX
A
9.65
10.67
0.380
0.420
B
8.28
9.66
0.326
0.380
C
4.06
4.83
0.160
0.190
D
0.50
1.36
0.020
0.054
E
1.14
1.45
0.045
0.057
G
H
14.60
15.875
0.5748
0.625
K
0.99
2.93
0.03898 0.11535
N
P
2.28
2.80
0.08976 0.11024
R
0
o
8
o
0
o
8
o
B1
5.00
5.70
0.197
0.224
A2
7.30
8.05
0.287
0.317
SYMBOLS
MILLIMETERS
INCHES
0.31
0.012
*2.54
*0.100
*: Typical Value
Notes:
1. Controlling dimension: Millimeters.
2. Maximum lead thickness includes lead finish thickness Mini-
mum lead thickness is the minimum thickness of base material.
TO-252-2(DPAK)-EIAJ
*: Typical Value
Notes:
1. Controlling dimension: Millimeters.
2. Maximum lead thickness includes lead finish thickness Mini-
mum lead thickness is the minimum thickness of base material.
E
K
L
F
G
H
J
B
A
D
C
E1
Top View
Side View
PIN 1
MIN
MAX
MIN
MAX
A
0.43
0.58
0.0169
0.0230
B
1.60
1.95
0.0630
0.0768
C
0.51
1.78
0.0200
0.0701
D
0.43
0.60
0.0169
0.0236
E
6.35
6.80
0.2500
0.2677
F
5.36
7.20
0.2110
0.2835
G
2.20
3.00
0.0866
0.1181
H
-
* 2.30
-
*0.0906
J
-
0.97
-
0.0380
K
5.20
5.50
0.2047
0.2165
L
D1
E1
3.81
5.10
0.1500
0.2008
3.80 REF
0.1496 REF
1.40 REF
0.0551 REF
SYMBOLS
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com