Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8845AECT250Z Datasheet(PDF) 18 Page - Analog Microelectronics

Part # AME8845AECT250Z
Description  3A CMOS LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8845AECT250Z Datasheet(HTML) 18 Page - Analog Microelectronics

Back Button AME8845AECT250Z Datasheet HTML 11Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 12Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 13Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 14Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 15Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 16Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 17Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 18Page - Analog Microelectronics AME8845AECT250Z Datasheet HTML 19Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AME
18
3A CMOS LDO
AME8845
Rev.C.03
n Package Dimension
SOT-223
TO-220-3
C
13
o(4X)
Top View
Side View
θ
D
B1
H
E
e
A1
B
13
o(4X)
Front View
F
PIN 1
Bottom View
Side View
Top View
G
P
K
N
O
M
D
A
P1
C
E
I
G1
PIN 1
MIN
MAX
MIN
MAX
A
5.58
7.49
0.2197
0.2949
C
2.03
4.83
0.0799
0.1902
D
0.50
1.40
0.0197
0.0551
E
0.30
1.15
0.0118
0.0453
G
9.65
10.67
0.3799
0.4201
I
3.53
4.09
0.1390
0.1610
K
0.50
1.15
0.0197
0.0453
M
1.14
1.78
0.0449
0.0701
N
2.28
2.80
0.0898
0.1102
O
12.70
14.74
0.5000
0.5803
P
14.22
16.51
0.5598
0.6500
P1
5.00
5.70
0.1969
0.2244
G1
7.30
8.05
0.2874
0.3169
SYMBOLS
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
1
0.01
0.10
0.0004
0.0039
B
0.60
0.84
0.0236
0.0330
B
1
2.90
3.15
0.1140
0.1240
C
0.24
0.38
0.0094
0.0150
D
6.30
6.71
0.2480
0.2640
E
3.30
3.71
0.1299
0.1460
F
1.40
1.80
0.0551
0.0709
e
H
6.70
7.30
0.2638
0.2874
θ
0
o
10
o
0
o
10
o
2.30 BSC
0.0906 BSC
MILLIMETERS
INCHES
SYMBOLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com