Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1556AS Datasheet(PDF) 14 Page - Analog Devices

Part # AD1556AS
Description  24-Bit - ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1556AS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1556AS Datasheet HTML 10Page - Analog Devices AD1556AS Datasheet HTML 11Page - Analog Devices AD1556AS Datasheet HTML 12Page - Analog Devices AD1556AS Datasheet HTML 13Page - Analog Devices AD1556AS Datasheet HTML 14Page - Analog Devices AD1556AS Datasheet HTML 15Page - Analog Devices AD1556AS Datasheet HTML 16Page - Analog Devices AD1556AS Datasheet HTML 17Page - Analog Devices AD1556AS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. B
AD1555/AD1556
–14–
CMRR – dB
0
–128
–98
4
2
10
12
14
16
20
–120
–113
–105
–90
6
8
18
TPC 7. Common-Mode Rejection Distribution (272 Units)
FREQUENCY – Hz
90
0
100
95
105
110
115
120
100
200
300
1000
500
800
900
400
600
700
G = 8.5
G = 34
G = 2.5
G = 1
G = 128
TPC 8. Common-Mode Rejection vs. Frequency
FREQUENCY – Hz
–0.20
0
0.00
0.05
0.10
125
25
50
75
100
–0.15
–0.10
–0.05
0.15
0.20
TPC 9. AD1556 Pass Band Ripple, FO = 250 Hz (4 ms)
FREQUENCY – Hz
–0.20
0
0.00
0.05
0.10
250
50
100
150
200
–0.15
–0.10
–0.05
0.15
0.20
TPC 10. AD1556 Pass Band Ripple, FO = 500 Hz (2 ms)
FREQUENCY – Hz
–0.20
0
0.00
0.05
0.10
500
100
200
300
400
–0.15
–0.10
–0.05
0.15
0.20
TPC 11. AD1556 Pass Band Ripple, FO = 1 kHz (1 ms)
FREQUENCY – Hz
–0.20
0
0.00
0.05
0.10
1000
200
400
600
800
–0.15
–0.10
–0.05
0.15
0.20
TPC 12. AD1556 Pass Band Ripple, FO = 2 kHz (1/2 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com