Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1556AS Datasheet(PDF) 1 Page - Analog Devices

Part # AD1556AS
Description  24-Bit - ADC with Low Noise PGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1556AS Datasheet(HTML) 1 Page - Analog Devices

  AD1556AS Datasheet HTML 1Page - Analog Devices AD1556AS Datasheet HTML 2Page - Analog Devices AD1556AS Datasheet HTML 3Page - Analog Devices AD1556AS Datasheet HTML 4Page - Analog Devices AD1556AS Datasheet HTML 5Page - Analog Devices AD1556AS Datasheet HTML 6Page - Analog Devices AD1556AS Datasheet HTML 7Page - Analog Devices AD1556AS Datasheet HTML 8Page - Analog Devices AD1556AS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
AD1555/AD1556
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
FUNCTIONAL BLOCK DIAGRAM
MUX
PGA
REF DIVIDER
DAC
MODE CONTROL
LOGIC
OVERVOLTAGE
DETECTION
CLOCK
GENERATION
LOOP
FILTER
REFIN
REFCAP2
REFCAP1
AGND3
DGND
VL
–VA
+VA
AGND2
MODIN
PGAOUT
AGND1
CLKIN SYNC
BW0...BW2 RESET PWRDN GND
VL
AIN (+)
AIN (–)
TIN (+)
TIN (–)
AD1555
CB0...CB4
PGA
CONTROL
CONFIGURATION
REGISTER
STATUS
REGISTER
INPUT
MUX
MFLG
MDATA
TDATA
CSEL
MCLK
INPUT SHIFT
REGISTER
DIN
SCLK
CS
R/
W
DOUT
DRDY
RSEL
CLOCK DIVIDER
DATA
OUTPUT
MUX
DATA
REGISTER
AD1556
H/
S
ERROR
PGA0...PGA4
DIGITAL
FILTER
24-Bit - ADC
with Low Noise PGA
FEATURES
AD1555
Fourth Order
-
Modulator
Large Dynamic Range
116 dB Min, 120 dB Typical @ 1 ms
117 dB Typical @ 0.5 ms
Low Input Noise: 80 nV rms @ 4 ms with
Gain of 34,128
Low Distortion: –111 dB Max, –120 dB Typical
Low Intermodulation: 122 dB
Sampling Rate at 256 kSPS
Very High Jitter Tolerance
No External Antialias Filter Required
Programmable Gain Front End
Input Range:
2.25 V
Robust Inputs
Gain Settings: 1, 2.5, 8.5, 34, 128
Common-Mode Rejection (DC to 1 kHz)
93 dB Min, 101 dB Typical @ Gain of 1
77 mW Typical Low Power Dissipation
Standby Modes
AD1556
FIR Digital Filter/Decimator
Serial or Parallel Selection of Configuration
Output Word Rates: 250 SPS to 16 kSPS
6.2 mW Typ Low Power Dissipation
70
W in Standby Mode
Reference Design and Evaluation Board with
Software Available
APPLICATIONS
Seismic Data Acquisition Systems
Chromatography
Automatic Test Equipment
GENERAL DESCRIPTION
The AD1555 is a complete sigma-delta modulator, combined
with a programmable gain amplifier intended for low frequency,
high dynamic range measurement applications. The AD1555
outputs a ones-density bitstream proportional to the analog
input. When used in conjunction with the AD1556 digital filter/
decimator, a high performance ADC is realized.
The continuous-time analog modulator input architecture avoids
the need for an external antialias filter. The programmable gain
front end simplifies system design, extends the dynamic range,
and reduces the system board area. Low operating power and
standby modes makes the AD1555 ideal for remote battery-pow-
ered data acquisition systems.
The AD1555 is fabricated on Analog Devices’ BiCMOS process
that has high performance bipolar devices along with CMOS
transistors. The AD1555 and AD1556 are packaged, respectively,
in 28-lead PLCC and 44-lead MQFP packages and are specified
from –55
°C to +85°C (AD1556 and AD1555 B Grade) and from
0
°C to 85°C (AD1555 A Grade).
0
FREQUENCY – Hz
–120
–200
0
50
100
150
200
250
300
–20
–100
–140
–180
–60
–80
–160
–40
350
400
450
500
fIN = 24.4Hz
SNR = 116.7dB
THD = –120.6dB
Figure 1. FFT Plot, Full-Scale AIN Input, Gain of 1


Similar Part No. - AD1556AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1556AS AD-AD1556AS Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
AD1556ASRL AD-AD1556ASRL Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
More results

Similar Description - AD1556AS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1555 AD-AD1555 Datasheet
429Kb / 24P
24-Bit ADC WITH LOW NOISE PGA
REV.B
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com