Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18N55M5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB18N55M5
Description  N-channel 550 V, 0.18 廓, 13 A, MDmesh??V Power MOSFET in D짼PAK, DPAK, TO-220FP and TO-220
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18N55M5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB18N55M5 Datasheet HTML 4Page - STMicroelectronics STB18N55M5 Datasheet HTML 5Page - STMicroelectronics STB18N55M5 Datasheet HTML 6Page - STMicroelectronics STB18N55M5 Datasheet HTML 7Page - STMicroelectronics STB18N55M5 Datasheet HTML 8Page - STMicroelectronics STB18N55M5 Datasheet HTML 9Page - STMicroelectronics STB18N55M5 Datasheet HTML 10Page - STMicroelectronics STB18N55M5 Datasheet HTML 11Page - STMicroelectronics STB18N55M5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical characteristics
STB18N55M5, STD18N55M5, STF18N55M5, STP18N55M5
8/22
Doc ID 17078 Rev 2
Figure 14.
Normalized gate threshold voltage
vs temperature
Figure 15.
Normalized on resistance vs
temperature
Figure 16.
Switching losses vs gate resistance
(1)
Figure 17.
Normalized BVDSS vs temperature
1.
Eon including reverse recovery of a SiC diode
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25
50
100
ID=250µA
AM08670v1
RDS(on)
1.3
0.7
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
ID=6.5A
VGS=10V
1.1
0.9
2.1
1.5
1.9
1.7
AM08671v1
E
60
40
20
0
0
20
RG(
Ω)
(
μJ)
10
30
80
100
120
40
ID=9A
VCL=400V
Eon
Eoff
VGS=10V
140
AM08673v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.93
0.95
0.97
0.99
1.01
1.03
1.05
1.07
ID=1mA
AM08672v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com