Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18N55M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB18N55M5
Description  N-channel 550 V, 0.18 廓, 13 A, MDmesh??V Power MOSFET in D짼PAK, DPAK, TO-220FP and TO-220
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18N55M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB18N55M5 Datasheet HTML 1Page - STMicroelectronics STB18N55M5 Datasheet HTML 2Page - STMicroelectronics STB18N55M5 Datasheet HTML 3Page - STMicroelectronics STB18N55M5 Datasheet HTML 4Page - STMicroelectronics STB18N55M5 Datasheet HTML 5Page - STMicroelectronics STB18N55M5 Datasheet HTML 6Page - STMicroelectronics STB18N55M5 Datasheet HTML 7Page - STMicroelectronics STB18N55M5 Datasheet HTML 8Page - STMicroelectronics STB18N55M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
March 2011
Doc ID 17078 Rev 2
1/22
22
STB18N55M5, STD18N55M5
STF18N55M5, STP18N55M5
N-channel 550 V, 0.18
Ω, 13 A, MDmesh™ V Power MOSFET
in D²PAK, DPAK, TO-220FP and TO-220
Features
■ DPAK worldwide best RDS(on)
■ Higher VDSS rating
■ High dv/dt capability
■ Excellent switching performance
■ Easy to drive
■ 100% avalanche tested
Application
Switching applications
Description
The devices are N-channel MDmesh™ V Power
MOSFET based on an innovative proprietary
vertical process technology, which is combined
with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS
@TJmax
RDS(on)
max
ID
STB18N55M5
STD18N55M5
STF18N55M5
STP18N55M5
550 V
< 0.24
Ω
13 A
DPAK
1
3
1
2
3
TO-220
1
2
3
TO-220FP
1
3
D²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB18N55M5
18N55M5
D²PAK
Tape and reel
STD18N55M
DPAK
STF18N55M5
TO-220FP
Tube
STP18N55M5
TO-220
www.st.com


Similar Part No. - STB18N55M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB18N55M5 ISC-STB18N55M5 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB18N55M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STW35N65M5 STMICROELECTRONICS-STW35N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
06-Oct-2011
STD11NM50N STMICROELECTRONICS-STD11NM50N Datasheet
663Kb / 16P
N-channel 500 V, 0.4 廓, 8.5 A MDmesh??II Power MOSFET in DPAK, TO-220FP and TO-220
24-Nov-2010
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
07-Feb-2013
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
25-May-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
07-Feb-2013
STP32N65M5 STMICROELECTRONICS-STP32N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.095 廓, 24 A, MDmesh??V Power MOSFET in D짼PAK, I짼PAK, TO-220FP, TO-220, TO-247
06-Oct-2011
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.125 Ω, 22 A, MDmesh™V Power MOSFET D²PAK, TO-220FP, I²PAK, TO-220, TO-247
22-Sep-2011
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
06-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com