Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5165BUJZ100-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5165BUJZ100-R2
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165BUJZ100-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5165BUJZ100-R2 Datasheet HTML 3Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 4Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 5Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 6Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 7Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 8Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 9Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 10Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD5165
Rev. 0 | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
5.5V
2.7V
Figure 5. R-INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
5.5V
2.7V
Figure 6. R-DNL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
–40°C
+25°C
+85°C
+125°C
Figure 7. INL vs. Code vs. Temperature , VDD = 5 V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
–40°C
+25°C
+85°C
+125°C
Figure 8. DNL vs. Code vs. Temperature, VDD = 5 V
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
5.5V
2.7V
Figure 9. INL vs. Code vs. Supply Voltages
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
128
96
32
64
0
160
192
224
256
CODE (Decimal)
5.5V
2.7V
Figure 10. DNL vs. Code vs. Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com