Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5165BUJZ100-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5165BUJZ100-R2
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165BUJZ100-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5165BUJZ100-R2 Datasheet HTML 8Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 9Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 10Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 11Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 12Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 13Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 14Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 15Page - Analog Devices AD5165BUJZ100-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD5165
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-193BA
1
3
5
6
2
8
4
7
2.90 BSC
PIN 1
INDICATOR
1.60 BSC
1.95
BSC
0.65 BSC
0.38
0.22
0.10 MAX
0.90
0.87
0.84
SEATING
PLANE
1.00 MAX
0.20
0.08
0.60
0.45
0.30
8°
4°
0°
2.80 BSC
Figure 44. 8-Lead Thin Small Outline Transistor Package [Thin SOT-23]
(UJ-8)
Dimensions shown in millimeters
ORDERING GUIDE
Model
RAB (Ω)
Temperature
Package Description
Package Option
Quantity on Reel
Branding
AD5165BUJZ100-R21
100 k
–40°C to +125°C
Thin SOT-23
UJ-8
250
D3N
AD5165BUJZ100-R71
100 k
–40°C to +125°C
Thin SOT-23
UJ-8
3,000
D3N
AD5165EVAL
Evaluation Board
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04749–0–4/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com