Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5165BUJZ100-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5165BUJZ100-R7
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165BUJZ100-R7 Datasheet(HTML) 4 Page - Analog Devices

  AD5165BUJZ100-R7 Datasheet HTML 1Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 2Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 3Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 4Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 5Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 6Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 7Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 8Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD5165
Rev. 0 | Page 4 of 16
TIMING CHARACTERISTICS—100 kΩ VERSION
VDD = +5 V ± 10%, or +3 V ± 10%; VA = VDD; VB = 0 V; −40°C < TA < +125°C; unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
3-WIRE INTERFACE TIMING CHARACTERISTICS2, ,3 4 (specifications apply to all parts)
Clock Frequency
fCLK= 1/( tCH+ tCL)
25
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
20
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CS Setup Time
tCSS
15
ns
CS Low Pulse Width
tCSW
40
ns
CLK Fall to CS Rise Hold Time
tCSH0
0
ns
CLK Fall to CS Fall Hold Time
tCSH1
0
ns
CS Fall to Clock Rise Setup
tCS1
10
ns
1 Typical specifications represent average readings at +25°C and VDD = 5 V.
2 Guaranteed by design and not subject to production test.
3 All dynamic characteristics use VDD = 5 V.
4 See
and
for location of measured values. All input control voltages are specified with t
Figure 34
Figure 35
R
= tF = 2 ns (10% to 90% of 3 V) and timed from a voltage
level of 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com