Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5165BUJZ100-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5165BUJZ100-R7
Description  256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5165BUJZ100-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD5165BUJZ100-R7 Datasheet HTML 1Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 2Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 3Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 4Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 5Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 6Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 7Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 8Page - Analog Devices AD5165BUJZ100-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
256-Position, Ultralow Power
1.8 V Logic-Level Digital Potentiometer
AD5165
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow standby power IDD = 50 nA typical
256-position
End-to-end resistance 100 kΩ
Logic high voltage 1.8 V
Power supply 2.7 V to 5.5 V
Low temperature coefficient 35 ppm/°C
Compact thin 8-lead TSOT-8 (2.9 mm × 2.8 mm) package
Simple 3-wire digital interface
Wide operating temperature −40°C to +125°C
Pin-to-pin compatible to AD5160 with CS inverted
APPLICATIONS
Battery-operated electronics adjustment
Remote utilities meter adjustment
Mechanical potentiometer replacement
Transducer circuit adjustment
Automotive electronics adjustment
Gain control and offset adjustment
System calibration
VCXO adjustment
GENERAL OVERVIEW
The AD5165 provides a compact 2.9 mm × 2.8 mm packaged
solution for 256-position adjustment applications. These devices
perform the same electronic adjustment function as mechanical
potentiometers or variable resistors, with enhanced resolution,
solid-state reliability, and superior low temperature coefficient
performance. The AD5165’s supply voltage requirement is 2.7 V
to 5.5 V, but its logic voltage requirement is 1.8 V to VDD. The
AD5165 consumes very low quiescent power during standby
mode and is ideal for battery-operated applications.
Wiper settings are controlled through a simple 3-wire interface.
The interface is similar to the SPI® digital interface except for the
inverted chip-select function that minimizes logic power con-
sumption in the idling state. The resistance between the wiper
and either endpoint of the fixed resistor varies linearly with
respect to the digital code transferred into the wiper register.
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 50 nA typical standby power allows use in battery-
operated portable or remote utility device applications.
FUNCTIONAL BLOCK DIAGRAM
WIPER
REGISTER
CS
SDI
CLK
GND
VDD
A
W
B
3-WIRE
INTERFACE
Figure 1.
PIN CONFIGURATION
A
B
CS
SDI
1
2
3
4
5
8
7
6
W
VDD
GND
CLK
TOP VIEW
(Not to Scale)
AD5165
Figure 2.
TYPICAL APPLICATION
DIGITAL
CONTROL
LOGIC OR
MICRO
AD5165
5V
3.3V
CS
CLK
SDI
GND
WIDE TERMINAL
VOLTAGE RANGE:
0V < VA,VB,VW < 5V
VA
VW
VB
VOH = 1.8V MIN
VDD
Figure 3.
Note:
The terms digital potentiometer, RDAC, and VR are used interchangeably.


Similar Part No. - AD5165BUJZ100-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5165 AD-AD5165 Datasheet
569Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
4/04-Revision 0
logo
Elite Semiconductor Mem...
AD51652 ESMT-AD51652 Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-FH08NRR ESMT-AD51652-FH08NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-MH08NRR ESMT-AD51652-MH08NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
AD51652-WL09NRR ESMT-AD51652-WL09NRR Datasheet
1Mb / 16P
5W Mono Filter-less Class-D Audio Amplifier
Revision: 1.7 Oct. 2022
More results

Similar Description - AD5165BUJZ100-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5207 AD-AD5207 Datasheet
664Kb / 16P
2-Channel, 256-Position Digital Potentiometer
REV.0
AD5165 AD-AD5165 Datasheet
569Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
4/04-Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5165 AD-AD5165_15 Datasheet
575Kb / 16P
256-Position, Ultralow Power 1.8 V Logic-Level Digital Potentiometer
REV. 0
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
256-Position IC-Compatible Digital Potentiometer
REV. B
AD5290 AD-AD5290_15 Datasheet
500Kb / 20P
Compact 30 V / 15 V 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com