Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACP-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8133ACP-R2
Description  Triple Differential Driver With Output Pull-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACP-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8133ACP-R2 Datasheet HTML 4Page - Analog Devices AD8133ACP-R2 Datasheet HTML 5Page - Analog Devices AD8133ACP-R2 Datasheet HTML 6Page - Analog Devices AD8133ACP-R2 Datasheet HTML 7Page - Analog Devices AD8133ACP-R2 Datasheet HTML 8Page - Analog Devices AD8133ACP-R2 Datasheet HTML 9Page - Analog Devices AD8133ACP-R2 Datasheet HTML 10Page - Analog Devices AD8133ACP-R2 Datasheet HTML 11Page - Analog Devices AD8133ACP-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8133
Rev. 0 | Page 8 of 16
RL, dm = 1000Ω
RL, dm = 200Ω
VOUT, dm = 2V p-p
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–90
–80
–100
–110
–120
0.1
1
10
100
Figure 12. Second Harmonic Distortion at VS = ±5 V at Various Loads
5ns/DIV
VS = ±5V
VOUT, dm = 200mV p-p
VS = +5V
200
100
50
0
–50
–100
–200
Figure 13. Small Signal Transient Response
for Various Power Supply Voltages
VOUT, dm
2
× V
IN, dm
100ns/DIV
10
8
6
4
2
0
–8
–6
–4
–2
–10
Figure 14. Overdrive Recovery
RL, dm = 1000Ω
RL, dm = 200Ω
VOUT, dm = 2V p-p
FREQUENCY (MHz)
–30
–40
–50
–60
–70
–90
–80
–100
–110
–130
–120
0.1
1
10
100
Figure 15. Third Harmonic Distortion at VS = ±5 V at Various Loads
5ns/DIV
VS = ±5V
VOUT, dm = 2V p-p
VS = +5V
1.0
0.5
0
–0.5
–1.0
Figure 16. Large Signal Transient Response
for Various Power Supply Voltages
+0.1%
–0.1%
t = 0
SETTLING TIME ERROR
2mV/DIV
VIN, dm
250mV/DIV
10ns/DIV
Figure 17. Settling Time (0.1%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com