Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8133ACP-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8133ACP-R2
Description  Triple Differential Driver With Output Pull-Down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8133ACP-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8133ACP-R2 Datasheet HTML 8Page - Analog Devices AD8133ACP-R2 Datasheet HTML 9Page - Analog Devices AD8133ACP-R2 Datasheet HTML 10Page - Analog Devices AD8133ACP-R2 Datasheet HTML 11Page - Analog Devices AD8133ACP-R2 Datasheet HTML 12Page - Analog Devices AD8133ACP-R2 Datasheet HTML 13Page - Analog Devices AD8133ACP-R2 Datasheet HTML 14Page - Analog Devices AD8133ACP-R2 Datasheet HTML 15Page - Analog Devices AD8133ACP-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD8133
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
1
24
6
7
13
19
18
BOTTOM
VIEW
12
2.25
2.10 SQ
1.95
0.60 MAX
0.50
0.40
0.30
0.30
0.23
0.18
2.50 REF
0.50
BSC
12° MAX
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
1.00
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BSC SQ
4.00
BSC SQ
PIN 1
INDICATOR
0.60 MAX
COPLANARITY
0.08
0.20 REF
0.25 MIN
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-2
Figure 37. 24-Lead Lead Frame Chip Scale Package [LFCSP],
4 mm× 4 mm (CP-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Package
Package Description
Package Outline
AD8133ACP-REEL
−40°C to +85°C
24-Lead LFCSP
CP-24
AD8133ACP-REEL7
−40°C to +85°C
24-Lead LFCSP
CP-24
AD8133ACPZ-REEL1
−40°C to +85°C
24-Lead LFCSP
CP-24
AD8133ACPZ-REEL71
−40°C to +85°C
24-Lead LFCSP
CP-24
1 Z = Pb-free part.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and regis-
tered trademarks are the property of their respective owners.
D04769–0–7/04(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com