Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7495ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7495ARMZ
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7495ARMZ Datasheet HTML 2Page - Analog Devices AD7495ARMZ Datasheet HTML 3Page - Analog Devices AD7495ARMZ Datasheet HTML 4Page - Analog Devices AD7495ARMZ Datasheet HTML 5Page - Analog Devices AD7495ARMZ Datasheet HTML 6Page - Analog Devices AD7495ARMZ Datasheet HTML 7Page - Analog Devices AD7495ARMZ Datasheet HTML 8Page - Analog Devices AD7495ARMZ Datasheet HTML 9Page - Analog Devices AD7495ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7475/AD7495
Rev. B | Page 6 of 24
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
2.7/5.25
2.7/5.25
V min/max
VDRIVE
2.7/5.25
2.7/5.25
V min/max
IDD
Digital inputs = 0 V or VDRIVE
Normal Mode (Static)
1
1
mA typ
VDD = 2.7 V to 5.25 V, SCLK on or off
Normal Mode (Operational)
2.6
2.6
mA max
VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS
2
2
mA max
VDD = 2.7 V to 3.6 V, fSAMPLE = 1 MSPS
Partial Power-Down Mode
650
650
μA typ
fSAMPLE = 100 kSPS
Partial Power-Down Mode
230
230
μA max
Static
Full Power-Down Mode
1
1
μA max
Static, SCLK on or off
Power Dissipation3
Normal Mode (Operational)
13
13
mW max
VDD = 5 V, fSAMPLE = 1 MSPS
6
6
mW max
VDD = 3 V, fSAMPLE = 1 MSPS
Partial Power-Down (Static)
1.15
1.15
mW max
VDD = 5 V
690
690
μW max
VDD = 3 V
Full Power-Down
5
5
μW max
VDD = 5 V
3
3
μW max
VDD = 3 V
1 Temperature ranges for A, B versions: −40°C to +85°C.
2 Guaranteed by initial characterization.
3 See the Power vs. Throughput Rate section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com