Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7495ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7495ARMZ
Description  1 MSPS,12-Bit ADCs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7495ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7495ARMZ Datasheet HTML 16Page - Analog Devices AD7495ARMZ Datasheet HTML 17Page - Analog Devices AD7495ARMZ Datasheet HTML 18Page - Analog Devices AD7495ARMZ Datasheet HTML 19Page - Analog Devices AD7495ARMZ Datasheet HTML 20Page - Analog Devices AD7495ARMZ Datasheet HTML 21Page - Analog Devices AD7495ARMZ Datasheet HTML 22Page - Analog Devices AD7495ARMZ Datasheet HTML 23Page - Analog Devices AD7495ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
AD7475/AD7495
Rev. B | Page 22 of 24
The timer registers are loaded with a value that provides an
interrupt at the required sample interval. When an interrupt is
received, a value is transmitted with TFS/DT (ADC control
word). The TFS is used to control the RFS, and therefore, the
reading of data. The frequency of the serial clock is set in the
SCLKDIV register. When the instruction to transmit with TFS
is given, (that is, AX0 = TX0), the state of the SCLK is checked.
The DSP waits until the SCLK has gone high, low, and high
before transmission starts. If the timer and SCLK values are
chosen such that the instruction to transmit occurs on or near
the rising edge of SCLK, the data can be transmitted or it can
wait until the next clock edge.
For example, the ADSP-2111 has a master clock frequency of
16 MHz. If the SCLKDIV register is loaded with the value 3, an
SCLK of 2 MHz is obtained, and eight master clock periods
elapse for every one SCLK period. If the timer registers are
loaded with the value 803, 100.5 SCLKs occur between
interrupts and subsequently between transmit instructions.
This situation results in nonequidistant sampling because the
transmit instruction is occurring on a SCLK edge. If the
number of SCLKs between interrupts is a whole integer figure
of N, equidistant sampling is implemented by the DSP.
AD7475/AD7495 TO DSP56XXX
The connection diagram in Figure 30 shows how the AD7475/
AD7495 can be connected to the synchronous serial interface
(SSI) of the DSP56xxx family of devices from Motorola. The SSI
is operated in synchronous mode (SYN bit in CRB = 1) with
internally generated 1-bit clock period frame sync for both Tx
and Rx (Bits FSL1 = 1 and FSL0 = 0 in CRB). Set the word
length to 16 by setting Bits WL1 = 1 and WL0 = 0 in CRA. To
implement the power-down modes on the AD7475/AD7495,
the word length can be changed to 8 bits by setting Bit WL1 = 0
and Bit WL0 = 0 in CRA. For signal processing applications, it
is imperative that the frame synchronization signal from the
DSP56xxx provide equidistant sampling. The VDRIVE pin of the
AD7475/AD7495 takes the same supply voltage as that of the
DSP56xxx. This allows the ADC to operate at a voltage higher
than the serial interface, that is, DSP56xxx, if necessary.
AD7475/AD7495*
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
SCLK
SC2
SDATA
VDRIVE
VDD
DSP56xxx*
SRD
CS
Figure 30. Interfacing to the DSP56xxx
AD7475/AD7495 TO MC68HC16
The serial peripheral interface (SPI) on the MC68HC16 is
configured for master mode (MSTR) = 1, clock polarity bit
(CPOL) = 1, and the clock phase bit (CPHA) = 0. The SPI is
configured by writing to the SPI control register (SPCR), as
described in the 68HC16 User Manual. The serial transfer takes
place as a 16-bit operation when the size bit in the SPCR
register is set to size = 1. To implement the power-down modes
with an 8-bit transfer, set size = 0. (A connection diagram is
shown in Figure 31.) The VDRIVE pin of the AD7475/AD7495
takes the same supply voltage as that of the MC68HC16. This
allows the ADC to operate at a higher voltage than the serial
interface, that is, the MC68HC16, if necessary.
AD7475/AD7495*
SCLK
*ADDITIONAL PINS OMITTED FOR CLARITY
MISO/PMC0
SS/PMC3
SDATA
VDRIVE
VDD
MC68HC16*
SCLK/PCM2
CS
Figure 31. Interfacing to the MC68HC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com