Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8657ARMZ
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8657ARMZ Datasheet HTML 4Page - Analog Devices AD8657ARMZ Datasheet HTML 5Page - Analog Devices AD8657ARMZ Datasheet HTML 6Page - Analog Devices AD8657ARMZ Datasheet HTML 7Page - Analog Devices AD8657ARMZ Datasheet HTML 8Page - Analog Devices AD8657ARMZ Datasheet HTML 9Page - Analog Devices AD8657ARMZ Datasheet HTML 10Page - Analog Devices AD8657ARMZ Datasheet HTML 11Page - Analog Devices AD8657ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8657/AD8659
Data Sheet
Rev. B | Page 8 of 24
OUT A 1
–IN A 2
+IN A 3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
+IN C
10
–IN B
6
–IN C
9
OUT B 7
OUT C
8
AD8659
TOP VIEW
(Not to Scale)
Figure 6. AD8659 Pin Configuration, 14-Lead SOIC_N
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. CONNECT THE EXPOSED PAD TO V– OR
LEAVE IT UNCONNECTED.
12
11
10
1
3
4
–IN D
+IN D
V–
9
+IN C
–IN A
V+
2
+IN A
+IN B
TOP VIEW
(Not to Scale)
AD8659
Figure 7. AD8659 Pin Configuration, 16-Lead LFCSP
Table 8. Pin Function Descriptions, AD8659
Pin No.1
Mnemonic
Description
14-Lead SOIC
16-Lead LFCSP
1
15
OUT A
Output Channel A.
2
1
−IN A
Negative Input Channel A.
3
2
+IN A
Positive Input Channel A.
11
10
V−
Negative Supply Voltage.
5
4
+IN B
Positive Input Channel B.
6
5
−IN B
Negative Input Channel B.
7
6
OUT B
Output Channel B.
4
3
V+
Positive Supply Voltage.
8
7
OUT C
Output Channel C.
9
8
−IN C
Negative Input Channel C.
10
9
+IN C
Positive Input Channel C.
12
11
+IN D
Positive Input Channel D.
13
12
−IN D
Negative Input Channel D.
14
14
OUT D
Output Channel D.
N/A
13
NIC
No Internal Connection.
N/A
16
NIC
No Internal Connection.
N/A
EP2
EPAD2
Exposed Pad. For the AD8659 (16-lead LFCSP only), connect the exposed pad to
V− or leave it unconnected.
1 N/A means not applicable.
2 The exposed pad is not shown in the pin configuration diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com