Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8657ARMZ
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8657ARMZ Datasheet HTML 9Page - Analog Devices AD8657ARMZ Datasheet HTML 10Page - Analog Devices AD8657ARMZ Datasheet HTML 11Page - Analog Devices AD8657ARMZ Datasheet HTML 12Page - Analog Devices AD8657ARMZ Datasheet HTML 13Page - Analog Devices AD8657ARMZ Datasheet HTML 14Page - Analog Devices AD8657ARMZ Datasheet HTML 15Page - Analog Devices AD8657ARMZ Datasheet HTML 16Page - Analog Devices AD8657ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. B | Page 13 of 24
0
5
10
15
20
25
30
35
40
0
3
6
9
12
15
18
–40°C
+25°C
+85°C
+125°C
VSY (V)
Figure 32. Supply Current vs. Supply Voltage
–135
–90
–45
0
45
90
135
–60
–20
–40
0
20
40
60
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
RL = 1MΩ
PHASE
GAIN
CL = 10pF
CL = 100pF
Figure 33. Open-Loop Gain and Phase vs. Frequency
–60
–40
–20
0
20
40
60
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 2.7V
AV = 100
AV = 10
AV = 1
Figure 34. Closed-Loop Gain vs. Frequency
0
10
20
30
40
50
60
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 2.7V
VSY = 18V
Figure 35. Supply Current vs. Temperature
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 18V
RL = 1MΩ
PHASE
CL = 10pF
CL = 100pF
–135
–90
–45
0
45
90
135
–60
–20
–40
0
20
40
60
GAIN
Figure 36. Open-Loop Gain and Phase vs. Frequency
–60
–40
–20
0
20
40
60
100
1k
10k
100k
1M
FREQUENCY (Hz)
VSY = 18V
AV = 100
AV = 10
AV = 1
Figure 37. Closed-Loop Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com