Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8657ACPZ-R7
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8657ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. B | Page 11 of 24
–4
–3
–2
–1
0
1
2
3
4
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
VCM (V)
25°C
85°C
125°C
VSY = 2.7V
Figure 20. Input Bias Current vs. Common-Mode Voltage
0.01m
0.1m
1m
10m
100m
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 2.7V
Figure 21. Output Voltage (VOH) to Supply Rail vs. Load Current
0.01m
0.1m
1m
10m
100m
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 2.7V
Figure 22. Output Voltage (VOL) to Supply Rail vs. Load Current
0
2
4
6
8
10
12
14
16
18
VCM (V)
25°C
85°C
125°C
VSY = 18V
–4
–3
–2
–1
0
1
2
3
4
Figure 23. Input Bias Current vs. Common-Mode Voltage
0.01m
0.1m
1m
10m
100m
1
10
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 18V
0.001
0.01
0.1
1
10
100
Figure 24. Output Voltage (VOH) to Supply Rail vs. Load Current
0.01m
0.1m
1m
10m
100m
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
–40°C
+25°C
+85°C
+125°C
VSY = 18V
Figure 25. Output Voltage (VOL) to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com