Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8657ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8657ACPZ-R7
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8657ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8657ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. B | Page 19 of 24
APPLICATIONS INFORMATION
V+
V–
+IN x
R1
D1
D2
M1
M2
M7
M6
M3
M4
M5
VB1
M8
M10
M9
M16
M17
M11
VB2
OUT x
M12
M14
M13
M15
I1
R2
–IN x
Figure 68. Simplified Schematic
The AD8657/AD8659 are low power, rail-to-rail input and output
precision CMOS amplifiers that operate over a wide supply
voltage range of 2.7 V to 18 V. The AD8657/AD8659 use the
Analog Devices DigiTrim technique to achieve a higher degree
of precision than is available from other CMOS amplifiers. The
DigiTrim technique is a method of trimming the offset voltage
of an amplifier after assembly. The advantage of post-package
trimming is that it corrects any shifts in offset voltage caused by
mechanical stresses of assembly.
The AD8657/AD8659 also employ unique input and output
stages to achieve a rail-to-rail input and output range with a
very low supply current.
INPUT STAGE
Figure 68 shows the simplified schematic of the AD8657/AD8659.
The input stage comprises two differential transistor pairs, an
NMOS pair (M1, M2) and a PMOS pair (M3, M4). The input
common-mode voltage determines which differential pair turns
on and is more active than the other.
The PMOS differential pair is active when the input voltage
approaches and reaches the lower supply rail. The NMOS pair
is needed for input voltages up to and including the upper supply
rail. This topology allows the amplifier to maintain a wide
dynamic input voltage range and to maximize signal swing to
both supply rails.
For the majority of the input common-mode voltage range, the
PMOS differential pair is active. Differential pairs commonly
exhibit different offset voltages. The handoff from one pair to the
other creates a step-like characteristic that is visible in the VOS vs.
VCM graphs (see Figure 10 and Figure 13). This characteristic is
inherent in all rail-to-rail amplifiers that use the dual differential
pair topology. Therefore, always choose a common-mode voltage
that does not include the region of handoff from one input
differential pair to the other.
Additional steps in the VOS vs. VCM curves are also visible as the
input common-mode voltage approaches the power supply rails.
These changes are a result of the load transistors (M8, M9, M14,
and M15) running out of headroom. As the load transistors are
forced into the triode region of operation, the mismatch of their
drain impedances contributes to the offset voltage of the amplifier.
This problem is exacerbated at high temperatures due to the
decrease in the threshold voltage of the input transistors (see
Figure 14, Figure 15, Figure 17, and Figure 18 for typical perfor-
mance data).
Current Source I1 drives the PMOS transistor pair. As the input
common-mode voltage approaches the upper rail, I1 is steered
away from the PMOS differential pair through the M5 transistor.
The bias voltage, VB1 (see Figure 68), controls the point where this
transfer occurs. M5 diverts the tail current into a current mirror
consisting of the M6 and M7 transistors. The output of the current
mirror then drives the NMOS pair. Note that the activation of
this current mirror causes a slight increase in supply current at
high common-mode voltages (see Figure 28 and Figure 31 for
more details).
The AD8657/AD8659 achieve their high performance by using
low voltage MOS devices for their differential inputs. These low
voltage MOS devices offer excellent noise and bandwidth per
unit of current. Each differential input pair is protected by proprie-
tary regulation circuitry (not shown in the simplified schematic).
The regulation circuitry consists of a combination of active
devices that maintain the proper voltages across the input pairs
during normal operation and passive clamping devices that protect
the amplifier during fast transients. However, these passive
clamping devices begin to forward bias as the common-mode
voltage approaches either power supply rail, thereby causing an
increase in the input bias current (see Figure 20 and Figure 23).
The input devices are also protected from large differential
input voltages by clamp diodes (D1 and D2). These diodes are
buffered from the inputs with two 10 kΩ resistors (R1 and R2).
The differential diodes turn on whenever the differential voltage
exceeds approximately 600 mV; in this condition, the differential
input resistance drops to 20 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com