Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8659ARZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8659ARZ-R7
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8659ARZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8659ARZ-R7 Datasheet HTML 2Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 3Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8657/AD8659
Data Sheet
Rev. B | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
20.5 V
Input Voltage
(V−) − 300 mV to (V+) + 300 mV
Input Current1
±10 mA
Differential Input Voltage
±V
SY
Output Short-Circuit
Duration to GND
Indefinite
Temperature Ranges
Storage
−65°C to +150°C
Operating
−40°C to +125°C
Junction
−65°C to +150°C
Lead Temperature
(Soldering, 60 sec)
300°C
1 The input pins have clamp diodes to the power supply pins. Limit the input
current to 10 mA or less whenever input signals exceed the power supply
rail by 0.3 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages using a
standard 4-layer JEDEC board. The exposed pad (LFCSP
packages only) is soldered to the board.
Table 6. Thermal Resistance
Package Type
θ
JA
θ
JC
Unit
8-Lead MSOP (RM-8)
142
45
°C/W
8-Lead LFCSP (CP-8-11)
75
12
°C/W
14-Lead SOIC (R-14)
115
36
°C/W
16-Lead LFCSP (CP-16-20)
52
13
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com