Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8659ARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8659ARZ-R7
Description  22 mu A, RRIO, CMOS,18 V Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8659ARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8659ARZ-R7 Datasheet HTML 16Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 17Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 18Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 19Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 20Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 21Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 22Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 23Page - Analog Devices AD8659ARZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8657/AD8659
Rev. B | Page 21 of 24
COMPARATOR OPERATION—AD8657
An op amp is designed to operate in a closed-loop configuration
with feedback from its output to its inverting input. Figure 72
shows the AD8657 configured as a voltage follower with an input
voltage that is always kept at midpoint of the power supplies.
The same configuration is applied to the unused channel. A1 and
A2 indicate the placement of ammeters to measure supply current.
ISY+ refers to the current flowing from the upper supply rail to
the op amp, and ISY− refers to the current flowing from the op
amp to the lower supply rail. As shown in Figure 73, as expected
in normal operating condition, the total current flowing into the
op amp is equivalent to the total current flowing out of the op amp,
where, ISY+ = ISY− = 36 μA for the dual AD8657 at VSY = 18 V.
AD8657
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 72. Voltage Follower
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
18
VSY (V)
ISY–
ISY+
Figure 73. Supply Current vs. Supply Voltage (Voltage Follower)
In contrast to op amps, comparators are designed to work in an
open-loop configuration and to drive logic circuits. Although
op amps are different from comparators, occasionally an unused
section of a dual op amp is used as a comparator to save board
space and cost; however, this is not recommended.
Figure 74 and Figure 75 show the AD8657 configured as a com-
parator, with 100 kΩ resistors in series with the input pins. Any
unused channels are configured as buffers with the input voltage
kept at the midpoint of the power supplies. The AD8657/AD8659
have input devices that are protected from large differential
input voltages by Diode D1 and Diode D2 (refer to Figure 68).
These diodes consist of substrate PNP bipolar transistors, and
conduct whenever the differential input voltage exceeds approxi-
mately 600 mV; however, these diodes also allow a current path
from the input to the lower supply rail, thus resulting in an
increase in the total supply current of the system. As shown in
Figure 76, both configurations yield the same result. At 18 V of
power supply, ISY+ remains at 36 μA per dual amplifier, but ISY−
increases to 140 μA in magnitude per dual amplifier.
AD8657
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 74. Comparator A
AD8657
1/2
A1
100kΩ
100kΩ
ISY+
+VSY
VOUT
–VSY
ISY–
A2
Figure 75. Comparator B
0
20
40
60
80
100
120
140
160
0
2
4
6
8
10
12
14
16
18
VSY (V)
ISY–
ISY+
Figure 76. Supply Current vs. Supply Voltage (AD8657 as a Comparator)
Note that 100 kΩ resistors are used in series with the input of
the op amp. If smaller resistor values are used, the supply current of
the system increases much more. For more details on op amps as
comparators, refer to the AN-849 Application Note Using Op
Amps as Comparators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com