Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3250T7L Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPC3250T7L
Description  SiGe CMOS/BiCMOS Integrated Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3250T7L Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPC3250T7L Datasheet HTML 5Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 6Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 7Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 8Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 9Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 10Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 11Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 12Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
μPC3250T7L
R09DS0052EJ0100 Rev.1.00
Page 9 of 18
Oct 23, 2012
TYPICAL CHARACTERISTICS
(TA = +25°C, unless otherwise specified)
Rcal vs. ID FET, VD FET
Rcal (k
Ω)
Adjustment Resistor of Drain Current of Low Noise FET
25
50
75
125
100
0
20
18
16
14
12
10
8
6
4
2
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
ID FET
VD FET
TA= +85
°C
IF frequency vs. Conversion Gain
500
1 000
1 500
2 000
2 500
3 000
0
45
40
35
30
25
20
IF frequency fIF (MHz)
Low Gain mode
High Gain mode
ABS-S_LowGain
HighBand_LowGain
LowBand_LowGain
ABS-S_HighGain
HighBand_HighGain
LowBand_HighGain
TA = +25
°C
IF frequency vs. Conversion Gain
500
1 000
1 500
2 000
2 500
3 000
0
45
40
35
30
25
20
IF frequency fIF (MHz)
High Gain mode
Low Gain mode
ABS-S_LowGain
HighBand_LowGain
LowBand_LowGain
ABS-S_HighGain
HighBand_HighGain
LowBand_HighGain
TA =
−40°C
IF frequency vs. Conversion Gain
500
1 000
1 500
2 000
2 500
3 000
0
45
40
35
30
25
20
IF frequency fIF (MHz)
Low Gain mode
High Gain mode
ABS-S_LowGain
HighBand_LowGain
LowBand_LowGain
ABS-S_HighGain
HighBand_HighGain
LowBand_HighGain
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com