Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3250T7L Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC3250T7L
Description  SiGe CMOS/BiCMOS Integrated Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3250T7L Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC3250T7L Datasheet HTML 9Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 10Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 11Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 12Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 13Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 14Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 15Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 16Page - Renesas Technology Corp UPC3250T7L Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
μPC3250T7L
R09DS0052EJ0100 Rev.1.00
Page 13 of 18
Oct 23, 2012
FOR TWIN LNB (DOUBLE SINGLE LNB) (REFERENCE ONLY)
5V
5V
0.1
μF
0.1
μF
1 nF
100
Ω
0.1
μF
1 nF
0.1
μF
0.1
μF
1 nF
1 nF
0.1
μF
1 nF
1 nF
0.1
μF
1
μF
100 pF
47 nH
0.1
μF
0.1
μF
1 nF
1
μF
100 pF
47 nH
0.1
μF
100
Ω
1 nF
1 nF
VDDPLL
TonePol
IFout
VCCIF
VCCRF
LOsel
VG2
VD2
VG1
VD1
VGV
VDV
1 pin
GND
(Top View)
VDDPLL
TonePol
IFout
VCCIF
VCCRF
LOsel
VG2
VD2
VG1
VD1
VGV
VDV
1 pin
GND
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com