Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD8032ARMZ
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8032ARMZ Datasheet HTML 13Page - Analog Devices AD8032ARMZ Datasheet HTML 14Page - Analog Devices AD8032ARMZ Datasheet HTML 15Page - Analog Devices AD8032ARMZ Datasheet HTML 16Page - Analog Devices AD8032ARMZ Datasheet HTML 17Page - Analog Devices AD8032ARMZ Datasheet HTML 18Page - Analog Devices AD8032ARMZ Datasheet HTML 19Page - Analog Devices AD8032ARMZ Datasheet HTML 20Page - Analog Devices AD8032ARMZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AD8031/AD8032
Data Sheet
Rev. F | Page 16 of 20
APPLICATIONS
A 2 MHz SINGLE-SUPPLY, BIQUAD BAND-PASS
FILTER
Figure 47 shows a circuit for a single-supply, biquad band-pass
filter with a center frequency of 2 MHz. A 2.5 V bias level is
easily created by connecting the noninverting inputs of all three
op amps to a resistor divider consisting of two 1 kΩ resistors
connected between 5 V and ground. This bias point is also
decoupled to ground with a 0.1 µF capacitor. The frequency
response of the filter is shown in Figure 48.
To maintain an accurate center frequency, it is essential that the
op amp have sufficient loop gain at 2 MHz. This requires the
choice of an op amp with a significantly higher unity gain,
crossover frequency. The unity gain, crossover frequency of the
AD8031/AD8032 is 40 MHz. Multiplying the open-loop gain by
the feedback factors of the individual op amp circuits yields the
loop gain for each gain stage. From the feedback networks of
the individual op amp circuits, it can be seen that each op amp
has a loop gain of at least 21 dB. This level is high enough to
ensure that the center frequency of the filter is not affected by
the op amp’s bandwidth. If, for example, an op amp with a gain
bandwidth product of 10 MHz was chosen in this application,
the resulting center frequency would shift by 20% to 1.6 MHz.
5V
0.1µF
0.1µF
1k
Ω
1k
Ω
AD8031
5V
VOUT
C2
50pF
C1
50pF
R6
1k
Ω
R4
2k
Ω
1/2
AD8032
1/2
AD8032
R5
2k
Ω
R1
3k
Ω
VIN
R2
2k
Ω
R3
2k
Ω
0.1µF
Figure 47. A 2 MHz, Biquad Band-Pass Filter Using AD8031/AD8032
FREQUENCY (Hz)
–50
0
–10
–30
–40
–20
10k
100k
1M
10M
100M
Figure 48. Frequency Response of 2 MHz Band-Pass Filter
HIGH PERFORMANCE, SINGLE-SUPPLY LINE DRIVER
Even though the AD8031/AD8032 swing close to both rails, the
AD8031 has optimum distortion performance when the signal
has a common-mode level half way between the supplies and
when there is about 500 mV of headroom to each rail. If low
distortion is required in single-supply applications for signals
that swing close to ground, an emitter-follower circuit can be
used at the op amp output.
10µF
5V
7
3
2
2N3904
200
Ω
6
2.49k
Ω
49.9
Ω
4 AD8031
2.49k
Ω
49.9
Ω
49.9
Ω
0.1µF
VIN
VOUT
Figure 49. Low Distortion Line Driver for Single-Supply, Ground Referenced Signals
Figure 49 shows the AD8031 configured as a single-supply, gain-
of-2 line driver. With the output driving a back-terminated
50 Ω line, the overall gain from VIN to VOUT is unity. In addition
to minimizing reflections, the 50 Ω back termination resistor
protects the transistor from damage if the cable is short circuited.
The emitter follower, which is inside the feedback loop, ensures
that the output voltage from the AD8031 stays about 700 mV
above ground. Using this circuit, low distortion is attainable
even when the output signal swings to within 50 mV of ground.
The circuit was tested at 500 kHz and 2 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com