Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8032ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8032ARMZ
Description  2.7 V, 800 muA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8032ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8032ARMZ Datasheet HTML 13Page - Analog Devices AD8032ARMZ Datasheet HTML 14Page - Analog Devices AD8032ARMZ Datasheet HTML 15Page - Analog Devices AD8032ARMZ Datasheet HTML 16Page - Analog Devices AD8032ARMZ Datasheet HTML 17Page - Analog Devices AD8032ARMZ Datasheet HTML 18Page - Analog Devices AD8032ARMZ Datasheet HTML 19Page - Analog Devices AD8032ARMZ Datasheet HTML 20Page - Analog Devices AD8032ARMZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Data Sheet
AD8031/AD8032
Rev. F | Page 17 of 20
Figure 50 and Figure 51 show the output signal swing and
frequency spectrum at 500 kHz. At this frequency, the output
signal (at VOUT), which has a peak-to-peak swing of 1.95 V
(50 mV to 2 V), has a THD of −68 dB (SFDR = −77 dB).
2V
50mV
10
0%
100
90
0.5V
1µs
Figure 50. Output Signal Swing of Low Distortion Line Driver at 500 kHz
STOP 5MHz
START 0Hz
+9dBm
Figure 51. THD of Low Distortion Line Driver at 500 kHz
Figure 52 and Figure 53 show the output signal swing and
frequency spectrum at 2 MHz. As expected, there is some
degradation in signal quality at the higher frequency. When the
output signal has a peak-to-peak swing of 1.45 V (swinging
from 50 mV to 1.5 V), the THD is −55 dB (SFDR = −60 dB).
This circuit could also be used to drive the analog input of a
single-supply, high speed ADC whose input voltage range is
referenced to ground (for example, 0 V to 2 V or 0 V to 4 V). In
this case, a back termination resistor is not necessary (assuming
a short physical distance from transistor to ADC); therefore, the
emitter of the external transistor would be connected directly to
the ADC input. The available output voltage swing of the circuit
would therefore be doubled.
50mV
10
0%
100
90
1.5V
0.2V
200ns
Figure 52. Output Signal Swing of Low Distortion Line Driver at 2 MHz
+7dBm
START 0Hz
STOP 20MHz
Figure 53. THD of Low Distortion Line Driver at 2 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com