Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP284 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP284
Description  TOSHIBA Photocoupler GaAs Ired & Photo−Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP284 Datasheet HTML 1Page - Toshiba Semiconductor TLP284 Datasheet HTML 2Page - Toshiba Semiconductor TLP284 Datasheet HTML 3Page - Toshiba Semiconductor TLP284 Datasheet HTML 4Page - Toshiba Semiconductor TLP284 Datasheet HTML 5Page - Toshiba Semiconductor TLP284 Datasheet HTML 6Page - Toshiba Semiconductor TLP284 Datasheet HTML 7Page - Toshiba Semiconductor TLP284 Datasheet HTML 8Page - Toshiba Semiconductor TLP284 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLP284
2009-05-27
2
Current Transfer Ratio
Note1: Ex. rank GB: TLP284 (GB)
Application type name for certification test, please use standard product type name, i.e.
TLP284 (GB): TLP284
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF(RMS)
±50
mA
Forward current derating
ΔIF /°C
-1.0 (Ta ≥ 75°C)
mA /°C
Pulse forward current (Note2)
IFP
±1
A
Junction temperature
Tj
125
°C
Collector
−emitter voltage
VCEO
80
V
Emitter
−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
(1 circuit)
PC
150
mW
Collector power dissipation
derating (Ta ≥ 25°C)
ΔPC /°C
−1.5
mW /°C
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Operating temperature range
Topr
−55~110
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation
PT
200
mW
Total package power dissipation
derating (Ta ≥ 25°C)
ΔPT /°C
−2.0
mW /°C
Isolation voltage
(Note3)
BVS
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note2:
Pulse width
≤ 100μs, frequency 100Hz
Note3:
AC, 1min., R.H.≤ 60%, Device considered a two terminal device: LED side pins shorted together and
detector side pins shorted together.
Current Transfer Ration (%)
(IC / IF)
IF = 5 mA, VCE = 5 V, Ta = 25℃
TYPE
Classi-
Fication(Note1)
Min
Max
Marking of Classification
Blank
50
600
Blank ,YE,GR,BL,GB
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
TLP284
Rank GB
100
600
GB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com