Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP284 Datasheet (PDF) - Toshiba Semiconductor

TLP284 Datasheet PDF - Toshiba Semiconductor
Part # TLP284
Download  TLP284 Download
File Size   390.8 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor

TLP284 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP284 Datasheet PDF - Toshiba Semiconductor

Part # TLP284
Download  TLP284 Click to download

File Size   390.8 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor

TLP284 Datasheet (HTML) - Toshiba Semiconductor


TLP284 Product details

Programmable Controllers
AC/DC-Input Module
Hybrid ICs

TLP284 consist of photo transistor, optically coupled to two gallium arsenide infrared emitting diode connected inverse parallel, and can operate directly by AC input current.
Since TLP284 are guaranteed wide operating temperature (Ta=-55 to 110 ˚C) and high isolation voltage (3750 Vrms), it’s suitable for high-density surface mounting applications such as programmable controllers and hybrid ICs.

• Collector-emitter voltage : 80 V (min)
• Current transfer ratio : 50% (min) Rank GB : 100% (min)
• Isolation voltage : 3750 Vrms (min)
• Guaranteed performance over -55 to 110 ˚C
• UL Recognized : UL1577, File No. E67349
• cUL Recognized : CSA Component Acceptance Service No.5A
• Option (V4)
    VDE approved : EN60747-5-5
        Maximum operating insulation voltage : 707 Vpk
        Highest permissible over voltage : 6000 Vpk




Similar Part No. - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP284-4 TOSHIBA-TLP284-4 Datasheet
320Kb / 16P
Programmable Controllers AC/DC?묲nput Module Hybrid ICs
More results


Similar Description - TLP284

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP741G TOSHIBA-TLP741G Datasheet
507Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Thyristor
TLP525G TOSHIBA-TLP525G Datasheet
578Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP3064 TOSHIBA-TLP3064 Datasheet
169Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP3503 TOSHIBA-TLP3503 Datasheet
166Kb / 6P
TOSHIBA Photocoupler GaAs IRed & Photo-Triac
TLP176A TOSHIBA-TLP176A Datasheet
273Kb / 6P
TOSHIBA PHOTOCOUPLER GAAS IRED & PHOTO MOSFET
TLP160J TOSHIBA-TLP160J_07 Datasheet
189Kb / 6P
TOSHIBA Photocoupler GaAs Ired & Photo-Triac
TLP127TPRUF TOSHIBA-TLP127TPRUF Datasheet
164Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP504A-2GB TOSHIBA-TLP504A-2GB Datasheet
210Kb / 8P
TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
TLP280GB-TPF TOSHIBA-TLP280GB-TPF Datasheet
210Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
TLP181Y TOSHIBA-TLP181Y Datasheet
237Kb / 9P
TOSHIBA Photocoupler GaAs Ired Photo?뭈ransistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com