Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP285-4 Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TLP285-4
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285-4 Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TLP285-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 10Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 11Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 12Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 13Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 14Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 15Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
TLP285-4
2009-05-27
13
TOSHIBA Photocoupler
Option:(V4)
Attachment
: Specifications for EN60747-5-2 option: (V4)
Types
: TLP285-4
Type designations for “option: (V4)”, which are tested under EN60747 requirements.
Ex.: TLP285-4 (V4GB-TP,F
V4 : EN60747 option
GB: CTR rank type
TP : Standard tape & reel type
F : [[G]]/RoHS COMPATIBLE (Note6)
Note: Use TOSHIBA standard type number for safety standard application.
Ex.: TLP285-4 (V4GB-TP,F → TLP285-4
EN60747 Isolation Characteristics
Description
Symbol
Rating
Unit
Application classification
for rated mains voltage ≤ 150Vrms
for rated mains voltage ≤ 300Vrms
I-IV
I-III
―
Climatic classification
55 / 110 / 21
―
Pollution degree
2
―
Maximum operating insulation voltage
VIORM
707
Vpk
Input to output test voltage, Method A
Vpr=1.5 × VIORM, type and sample test
tp=10s, partial discharge<5pC
Vpr
1060
Vpk
Input to output test voltage, Method B
Vpr=1.875 × VIORM, 100% production test
tp=1s, partial discharge<5pC
Vpr
1325
Vpk
Highest permissible overvoltage
(transient overvoltage, tpr=60s)
VTR
6000
Vpk
Safety limiting values (max. permissible ratings in case of fault,
also refer to thermal derating curve)
current (input current IF, Psi=0)
power (output or total power dissipation)
temperature
Isi
Psi
Tsi
250
400
150
mA
mW
℃
Insulation resistance
VIO=500V, Ta=Tsi
Rsi
≥10
9
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com