Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP285-4 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP285-4
Description  TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP285-4 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP285-4 Datasheet HTML 1Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP285-4 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TLP285-4
2009-05-27
2
Current Transfer Ratio
Note1: ex. Rank GB: TLP285 (GB)
Application type name for certification test, please use standard product type name, i.e.
TLP285
−4 (GB): TLP285-4
Current Transfer Ratio (%)
(IC / IF)
IF = 5 mA, VCE = 5 V, Ta = 25℃
TYPE
Classification
(Note1)
Min
Max
Marking of Classification
Blank
50
600
Blank , GB
TLP285-4
Rank GB
100
600
GB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com