Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914BCPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCLK914BCPZ-R2
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914BCPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADCLK914BCPZ-R2 Datasheet HTML 1Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADCLK914
Rev. A | Page 4 of 12
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
122.88 MHz
−150
dBc/Hz
@10 Hz offset
−156
dBc/Hz
@100 Hz offset
−160
dBc/Hz
@1 kHz offset
−161
dBc/Hz
@10 kHz offset
−161
dBc/Hz
@100 kHz offset
−160
dBc/Hz
>1 MHz offset
POWER SUPPLY
Supply Voltage Requirement
VCC
2.97
3.63
V
Power Supply Current
Negative Supply Current
IVEE
66
111
150
mA
Includes output current
Positive Supply Current
IVCC
34
55
73
mA
Power Supply Rejection2
PSRVCC
13
ps/V
VCC = 3.3 V ± 10%
Output Swing Supply Rejection3
−15
dB
VCC = 3.3 V ± 10%
1 Calculated from SNR of ADC method. See Figure 8 for rms jitter vs. input slew rate.
2 Change in tPD per change in VCC.
3 Change in output swing per change in VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com