Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914BCPZ-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK914BCPZ-R2
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914BCPZ-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK914BCPZ-R2 Datasheet HTML 2Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 3Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 4Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 5Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 6Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 7Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 8Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 9Page - Analog Devices ADCLK914BCPZ-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCLK914
Rev. A | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
D
2
D
3
NC
4
NC
11
12
10
9
ADCLK914
TOP VIEW
(Not to Scale)
Q
Q
NC
NC
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
D
Noninverting Input.
2
D
Inverting Input.
3, 4, 5, 6, 9, 10
NC
No Connect. No physical connection to the die.
7, 14
VEE
Negative Supply Voltage.
8, 13
VCC
Positive Supply Voltage.
11
Q
Inverting Output.
12
Q
Noninverting Output.
15
VREF
Reference Voltage. Reference voltage for biasing ac-coupled inputs.
16
VT
Center Tap. Center tap of 100 Ω input resistor.
Heat Sink/
Exposed Pad
NC
No Connect. The metallic back surface of the package is not electrically connected to any part of the circuit.
It can be left floating for optimal electrical isolation between the package handle and the substrate of the
die. It can also be soldered to ground on the application board if improved thermal and/or mechanical
stability is needed. Exposed metal at the corners of the package is connected to this back surface. Allow
sufficient clearance for vias and other components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com