Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914/PCBZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCLK914/PCBZ1
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914/PCBZ1 Datasheet(HTML) 5 Page - Analog Devices

  ADCLK914/PCBZ1 Datasheet HTML 1Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 2Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 3Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 4Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 5Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 6Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 7Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 8Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADCLK914
Rev. A | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VCC to GND)
6.0 V
Input Voltage
−0.5 V to VCC + 0.5 V
Maximum Output Voltage
VCC + 0.5 V
Minimum Output Voltage
VEE − 0.5 V
Input Termination
±2 V
Voltage Reference
VCC − VEE
Operating Temperature Range, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL PERFORMANCE
The ADCLK914 is specified for a case temperature (TCASE). To
ensure that TCASE is not exceeded, use an airflow source.
To determine the junction temperature on the application PCB
TJ = TCASE + (ΨJT × PD)
where:
TJ is the junction temperature (°C).
TCASE is the case temperature (°C) measured by the customer at
top center of package.
Ψ
JT
is determined by the values listed in Table 3.
PD is the power dissipation.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order
approximation of TJ by the equation
TJ = TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJB are provided for package comparison and PCB
design considerations.
Table 3. Thermal Parameters for ADCLK914 16-Lead LFCSP
Symbol
Description1
Value
Units
θ
JA
Junction-to-ambient thermal
resistance, 0.0 meters per sec air
flow per JEDEC JESD51-2 (still air)
78.4
°C/W
θ
JMA
Junction-to-ambient thermal
resistance, 1.0 meter per sec air flow
per JEDEC JESD51-6 (moving air)
68.5
°C/W
θ
JMA
Junction-to-ambient thermal
resistance, 2.5 m/s air flow per
JEDEC JESD51-6 (moving air)
61.4
°C/W
θ
JB
Junction-to-board thermal
resistance, 1.0 meter per sec air flow
per JEDEC JESD51-8 (moving air)
48.8
°C/W
θ
JC
Junction-to-case thermal resistance
(die-to-heatsink) per MIL-Std 883,
Method 1012.1
1.5
°C/W
Ψ
JT
Junction-to-top-of-package
characterization parameter, 0
meters per sec air flow per JEDEC
JESD51-2 (still air)
2.0
°C/W
1 Descriptions based on using a 2s2p test board.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com