Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCLK914/PCBZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCLK914/PCBZ1
Description  Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK914/PCBZ1 Datasheet(HTML) 1 Page - Analog Devices

  ADCLK914/PCBZ1 Datasheet HTML 1Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 2Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 3Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 4Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 5Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 6Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 7Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 8Page - Analog Devices ADCLK914/PCBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Ultrafast, SiGe, Open-Collector
HVDS Clock/Data Buffer
ADCLK914
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
FEATURES
7.5 GHz operating frequency
7.5 GHz operating frequency
160 ps propagation delay
160 ps propagation delay
100 ps output rise/fall
100 ps output rise/fall
110 fs random jitter
110 fs random jitter
On-chip input terminations
On-chip input terminations
Extended industrial temperature range: −40°C to +125°C
Extended industrial temperature range: −40°C to +125°C
3.3 V power supply (VCC − VEE)
3.3 V power supply (VCC − VEE)
APPLICATIONS
APPLICATIONS
Clock and data signal restoration
Clock and data signal restoration
High speed converter clocking
High speed converter clocking
Broadband communications
Broadband communications
Cellular infrastructure
Cellular infrastructure
High speed line receivers
High speed line receivers
ATE and high performance instrumentation
ATE and high performance instrumentation
Level shifting
Level shifting
Threshold detection
Threshold detection
FUNCTIONAL BLOCK DIAGRAM
FUNCTIONAL BLOCK DIAGRAM
D
D
Q
VCC
VEE
VT
Q
D
D
Q
VCC
VEE
VT
Q
VREF
50Ω
50Ω
50Ω
50Ω
ADCLK914
Figure 1.
GENERAL DESCRIPTION
The ADCLK914 is an ultrafast clock/data buffer fabricated on
the Analog Devices, Inc., proprietary, complementary bipolar
(XFCB-3) silicon-germanium (SiGe) process. The ADCLK914
features high voltage differential signaling (HVDS) outputs
suitable for driving the latest Analog Devices high speed digital-
to-analog converters (DACs). The ADCLK914 has a single,
differential open-collector output.
The ADCLK914 buffer operates up to 7.5 GHz with a 160 ps
propagation delay and adds only 110 fs random jitter (RJ).
The input has a center tapped, 100 Ω, on-chip termination
resistor and accepts LVPECL, CML, CMOS, LVTTL, or LVDS
(ac-coupled only). A VREF pin is available for biasing ac-coupled
inputs.
The HVDS output stage is designed to directly drive 1.9 V each
side into 50 Ω terminated to VCC for a total differential output
swing of 3.8 V.
The ADCLK914 is available in a 16-lead LFCSP. It is specified
for operation over the extended industrial temperature range of
−40°C to +125°C.


Similar Part No. - ADCLK914/PCBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK914/PCBZ AD-ADCLK914/PCBZ Datasheet
302Kb / 11P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
9/2017-Rev. A to Rev. B
More results

Similar Description - ADCLK914/PCBZ1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
Octal inverter buffer open-collector
1989 Nov 27
logo
Analog Devices
ADCLK925BCPZ-WP AD-ADCLK925BCPZ-WP Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK907 AD-ADCLK907_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK925 AD-ADCLK925_15 Datasheet
1Mb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
REV. 0
ADCLK905 AD-ADCLK905_17 Datasheet
867Kb / 16P
Ultrafast SiGe ECL Clock/Data Buffers
2/2017-Rev. A to Rev. B
ADCLK914 AD-ADCLK914 Datasheet
302Kb / 11P
Ultrafast, SiGe, Open-Collector HVDS Clock/Data Buffer
9/2017-Rev. A to Rev. B
logo
Nexperia B.V. All right...
74F06 NEXPERIA-74F06 Datasheet
200Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
74F07 NEXPERIA-74F07 Datasheet
199Kb / 12P
Hex inverter/buffer drivers (open-collector)
2004 Mar 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com