Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VR Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC8248VR
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VR Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC8248VR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
56
Freescale Semiconductor
Package Description
9
Package Description
This figure shows the side profile of the PBGA package to indicate the direction of the top surface view.
Figure 13. Side View of the PBGA Package Remove
9.1
Package Parameters
This table provides package parameters.
NOTE: Temperature Reflow for the VR Package
In the VR package, sphere composition is lead-free (see Table 2). This
requires higher temperature reflow than what is required for other
PowerQUICC II packages. Consult “Freescale PowerQUICC II Pb-Free
Packaging Information” (MPC8250PBFREEPKG) available on
www.freescale.com.
Table 22. Package Parameters
Code
Type
Outline
(mm)
Interconnects
Pitch
(mm)
Nominal Unmounted
Height (mm)
VR, ZQ
PBGA
27 x 27
516
1
2.25
Die
Transfer molding compound
1 mm pitch
Wire bonds
attach
DIE
Ball bond
Screen-printed
solder mask
Cu substrate traces
Resin glass epoxy
Plated substrate via



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com