Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8248VR Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC8248VR
Description  PowerQUICC II Family Hardware Specifications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8248VR Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC8248VR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8248VR Datasheet HTML 61Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
MPC8272 PowerQUICC II Family Hardware Specifications, Rev. 3
58
Freescale Semiconductor
Ordering Information
10 Ordering Information
This figure provides an example of the Freescale part numbering nomenclature for the SoC. In addition to
the processor frequency, the part numbering scheme also consists of a part modifier that indicates any
enhancement(s) in the part from the original production design. Each part number also contains a revision
code that refers to the die mask revision number and is specified in the part numbering scheme for
identification purposes only. For more information, contact your local Freescale sales office.
Figure 15. Freescale Part Number Key
11 Document Revision History
This table summarizes changes to this document.
Table 23. Document Revision History
Revision
Date
Substantive Changes
3
09/2011
In Figure 15, “Freescale Part Number Key,” added speed decoding information below processor
frequency information.
2
12/2008
• Modified Figure 5, “SCC/SMC/SPI/I2C External Clock Diagram,” and added second section of
figure notes.
•In Table 12, modified “Data bus in pipeline mode” row and showed 66 MHz as “N/A.”
•In Section 10, “Ordering Information,” added “F = 133” to CPU/CPM/Bus Frequency.
• Added footnote concerning CPM_CLK/PCI_CLK ratio to column “PCI Division Factor” in
Table 17, “Clock Configurations for PCI Host Mode (PCI_MODCK=0),” and Table 18, “Clock
Configurations for PCI Host Mode (PCI_MODCK=1),.”
• Removed overbar from DLL_ENABLE in Table 21, “Pinout.”
1.5
12/2006
• Section 6, “AC Electrical Characteristics,” removed deratings statement and clarified AC
timing descriptions.
1.4
05/2006
• Added row for 133 MHz configurations to Table 8.
1.3
02/2006
• Inserted Section 6.3, “JTAG Timings.”
Product code
Device number
Package
Die revision level
MPC 82XX C VR XXX X
Temperature range
Blank = 0 to 105 °C
C = –40 to 105 °C
ZQ = 516 PBGA (lead spheres)
VR = 516 PBGA (no lead spheres)
B = 66
E = 100
F = 133
I = 200
M = 266
P = 300
T = 400
Processor frequency
CPU/CPM/Bus in MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com