Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP401ACEZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADMP401ACEZ
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401ACEZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADMP401ACEZ Datasheet HTML 3Page - Analog Devices ADMP401ACEZ Datasheet HTML 4Page - Analog Devices ADMP401ACEZ Datasheet HTML 5Page - Analog Devices ADMP401ACEZ Datasheet HTML 6Page - Analog Devices ADMP401ACEZ Datasheet HTML 7Page - Analog Devices ADMP401ACEZ Datasheet HTML 8Page - Analog Devices ADMP401ACEZ Datasheet HTML 9Page - Analog Devices ADMP401ACEZ Datasheet HTML 10Page - Analog Devices ADMP401ACEZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADMP401
Data Sheet
Rev. E | Page 6 of 12
PRINTED CIRCUIT BOARD (PCB) LAND PATTERN LAYOUT
The recommended PCB land pattern for the ADMP401 should
have a 1:1 ratio to the solder pads on the microphone package,
as shown in Figure 4. Take care to avoid applying solder paste to
the sound hole in the PCB.
A suggested solder paste stencil pattern layout is shown in
Figure 5. The diameter of the sound hole in the PCB should be
larger than the diameter of the sound port of the microphone.
A minimum diameter of 0.5 mm is recommended.
2.62
ø1.10
ø1.68
ø0.70 (2×)
ø0.90 (3×)
2.40
1.20
2.54
0.79
1.27
Figure 4. PCB Land Pattern Layout (Dimensions Shown in mm)
1.27mm
1.2mm
2.54mm
2.62mm
3.41mm
2.4mm
0.85mm DIA. (3×)
1.8mm/1.3mm DIA. 0.2032 CUT WIDTH (4×)
0.649mm DIA. (2×)
Figure 5. Suggested Solder Paste Stencil Pattern Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com