Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMP401ACEZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADMP401ACEZ
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMP401ACEZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADMP401ACEZ Datasheet HTML 4Page - Analog Devices ADMP401ACEZ Datasheet HTML 5Page - Analog Devices ADMP401ACEZ Datasheet HTML 6Page - Analog Devices ADMP401ACEZ Datasheet HTML 7Page - Analog Devices ADMP401ACEZ Datasheet HTML 8Page - Analog Devices ADMP401ACEZ Datasheet HTML 9Page - Analog Devices ADMP401ACEZ Datasheet HTML 10Page - Analog Devices ADMP401ACEZ Datasheet HTML 11Page - Analog Devices ADMP401ACEZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
ADMP401
Rev. E | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
10
–10
–8
–6
–4
–2
0
2
4
6
8
50
100
10k
FREQUENCY (Hz)
1k
Figure 6. Frequency Response Mask
10
–20
–10
0
10
100
10k
FREQUENCY (Hz)
1k
Figure 7. Typical Frequency Response (Measured)
0
–80
100
10k
FREQUENCY (Hz)
1k
–10
–20
–30
–40
–50
–60
–70
Figure 8. Typical Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com