Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADMP421Z Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADMP421Z
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP421Z Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADMP421Z Datasheet HTML 1Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 2Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 3Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 4Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 5Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Data Sheet
ADMP421
Rev. D | Page 3 of 16
SPECIFICATIONS
TA = 25°C, VDD = 1.8 V, CLK = 2.4 MHz, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical
specifications are not guaranteed.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
PERFORMANCE
Directionality
Omni
Sensitivity1
1 kHz, 94 dB SPL
−29
−26
−23
dBFS
Signal-to-Noise Ratio
SNR
20 kHz bandwidth, A-weighted
61
dBA
Equivalent Input Noise
EIN
20 kHz bandwidth, A-weighted
33
dBA SPL
Dynamic Range
Derived from EIN and maximum acoustic input
87
dB
Frequency Response2
Low frequency −3 dB point
100
Hz
High frequency −3 dB point
15
kHz
Deviation limits from flat response within
pass band
−3/+2
dB
Total Harmonic Distortion
THD
105 dB SPL
3
%
Power Supply Rejection
PSR
217 Hz, 100 mV p-p square wave
superimposed on VDD = 1.8 V
80
dBFS
Maximum Acoustic Input
Peak
120
dB SPL
INPUT CHARACTERISTICS
Clock Frequency
CLK
1.0
2.43
3.3
MHz
Clock Duty Ratio
Clock frequency of 2.4 MHz or less
40
60
%
Input Voltage High
VIH
0.65 × VDD
V
Input Voltage Low
VIL
0.35 × VDD
V
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
ILOAD = 0.5 mA
0.7 × VDD
VDD
V
Output Voltage Low
VOL
ILOAD = 0.5 mA
0
0.3 × VDD
V
Latency
<30
µs
Wake-Up Time
From sleep mode, power on
10
ms
POWER SUPPLY
Supply Voltage
VDD
1.8
3.3
V
Supply Current
IS
Normal mode
650
µA
Sleep mode4
50
µA
1
Relative to the rms level of a sine wave with positive amplitude equal to 100% 1s density and negative amplitude equal to 0% 1s density.
2
See Figure 5 and Figure 6.
3
The microphone operates at any clock frequency between 1.0 MHz and 3.3 MHz. Some specifications may not be guaranteed at frequencies other than 2.4 MHz.
4
The microphone enters sleep mode when the clock is turned off or the clock frequency is less than 1 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com