Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADMP421Z Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADMP421Z
Description  Omnidirectional Microphone with Bottom Port and Digital Output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADMP421Z Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADMP421Z Datasheet HTML 3Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 4Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 5Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 6Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 7Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 8Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 9Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 10Page - Analog Devices EVAL-ADMP421Z Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADMP421
Data Sheet
Rev. D | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
CLK
L/R SELECT
GND
DATA
VDD 4
5
Figure 4. Pin Configuration (Bottom View)
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLK
Clock Input to Microphone.
2
L/R SELECT
Left Channel or Right Channel Select.
DATA1 (right): L/R SELECT tied to GND.
DATA2 (left): L/R SELECT pulled to VDD.
3
GND
Ground.
4
VDD
Power Supply. Placing a 0.1 µF (100 nF) ceramic type X7R capacitor between Pin 4 (VDD) and ground is strongly
recommended for best performance and to avoid potential parasitic artifacts. The capacitor should be placed as
close to Pin 4 as possible.
5
DATA
Digital Output Signal (DATA1, DATA2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com