Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP667ARZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADP667ARZ
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP667ARZ Datasheet(HTML) 4 Page - Analog Devices

  ADP667ARZ Datasheet HTML 1Page - Analog Devices ADP667ARZ Datasheet HTML 2Page - Analog Devices ADP667ARZ Datasheet HTML 3Page - Analog Devices ADP667ARZ Datasheet HTML 4Page - Analog Devices ADP667ARZ Datasheet HTML 5Page - Analog Devices ADP667ARZ Datasheet HTML 6Page - Analog Devices ADP667ARZ Datasheet HTML 7Page - Analog Devices ADP667ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ADP667
REV. 0
–4–
APPLICATIONS INFORMATION
Circuit Configurations
For a fixed +5 V output the SET input should be grounded, and
no external resistors are necessary. This basic configuration is
shown in Figure 2. The input voltage can range from +5.15 V
to +16.5 V, and output currents up to 250 mA are available
provided that the maximum package power dissipation is not
exceeded.
IN
OUT
GND
SET
SHDN
ADP667
+5V
OUTPUT
C1
10µF
++
Figure 2. Fixed +5 V Output Circuit
Output Voltage Setting
If the SET input is connected to a resistor divider network, the
output voltage is set according to the following equation:
VOUT =VSET ×
R1
+ R2
R1
where VSET = 1.255 V.
IN
OUT
GND
SET
SHDN
ADP667
+
R1
R2
VIN
VOUT
C1
10µF
Figure 3. Adjustable Output Circuit
The resistor values may be selected by first choosing a value for
R1 and then selecting R2 according to the following equation:
R2
= R1×
VOUT
V SET
− 1


The input leakage current on SET is 10 nA maximum. This
allows large resistor values to be chosen for R1 and R2 with
little degradation in accuracy. For example, a 1 M
Ω resistor
may be selected for R1, and then R2 may be calculated accord-
ingly. The tolerance on SET is guaranteed at less than
±25 mV,
so in most applications fixed resistors will be suitable.
Shutdown Input (SHDN)
The SHDN input allows the regulator to be switched off with a
logic level signal. This will disable the output and reduce the
current drain to a low quiescent (1
µA maximum) current. This
is very useful for low power applications. Driving the SHDN in-
put to greater than 1.5 V places the part in shutdown.
If the shutdown function is not being used, then SHDN should
be connected to GND.
Low Supply or Low Battery Detection
The ADP667 contains on-chip circuitry for low power supply or
battery detection. If the voltage on the LBI pin falls below the
internal 1.255 V reference, then the open drain output LBO will
go low. The low threshold voltage may be set to any voltage
above 1.255 V by appropriate resistor divider selection.
R3
= R4 ×
VBATT
VLBI
–1
where R3 and R4 are the resistive divider resistors and VBATT is
the desired low voltage threshold.
Since the LBI input leakage current is less than 10 nA, large val-
ues may be selected for R3 and R4 in order to minimize loading.
For example, a 6 V low threshold, may be set using 10 M
Ω for
R3 and 2.7 M
Ω for R4.
The LBO output is an open-drain output that goes low sinking
current when LBI is less than 1.255 V. A pull-up resistor of
10 k
Ω or greater may be used to obtain a logic output level with
the pull-up resistor connected to VOUT.
IN
OUT
LBO
ADP667
C1
10µF
+
10k
Ω
VIN
LBI
GND
SET
SHDN
R3
R4
LOW BATTERY
STATUS OUTPUT
VOUT
Figure 4. Low Battery/Supply Detect Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com