Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP667ARZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADP667ARZ
Description  5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP667ARZ Datasheet(HTML) 2 Page - Analog Devices

  ADP667ARZ Datasheet HTML 1Page - Analog Devices ADP667ARZ Datasheet HTML 2Page - Analog Devices ADP667ARZ Datasheet HTML 3Page - Analog Devices ADP667ARZ Datasheet HTML 4Page - Analog Devices ADP667ARZ Datasheet HTML 5Page - Analog Devices ADP667ARZ Datasheet HTML 6Page - Analog Devices ADP667ARZ Datasheet HTML 7Page - Analog Devices ADP667ARZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ADP667–SPECIFICATIONS
REV. 0
Parameter
Min
Typ
Max
Units Test Conditions/Comments
Input Voltage, VIN
3.5
16.5
V
Output Voltage, VOUT
4.8
5.0
5.2
V
VSET = 0 V, VIN = 6 V, IOUT = 10 mA
Maximum Output Current
250
mA
VIN = +6 V, +4.5 V < VOUT < +5.5 V
Quiescent Current
IGND: Shutdown Mode
0.2
1
µAV
SHDN = 2 V, TA = +25
°C
2
µAT
A = TMIN to TMAX
IGND: Normal Mode
VSHDN = 0 V, VSET = 0 V, TA = +25°C
20
25
µAI
OUT = 0
µA
20
30
µAI
OUT = 100
µA
515
mA
IOUT = 200 mA
TA = TMIN to TMAX
35
µAI
OUT = 0
µA
50
µAI
OUT = 100 µA
20
mA
IOUT = 200 mA
Dropout Voltage
5
60
mV
IOUT = 100 µA, TA = +25°C
75
mV
TA = TMIN to TMAX
150
250
mV
IOUT = 200 mA, TA = +25
°C
350
mV
TA = TMIN to TMAX
Load Regulation
50
100
mV
IOUT = 10 mA–200 mA, VIN = 6 V, TA = +25
°C
250
mV
TA = TMIN to TMAX
Line Regulation
5
10
mV
VIN = 6 V to 10 V, IOUT = 10 mA, TA = +25
°C
15
mV
TA = TMIN to TMAX
SET Reference Voltage, VSET
1.23
1.255
1.28
V
SET Input Leakage Current, ISET
±0.01
±10
nA
VSET = 1.5 V, TA = +25
°C
±1000
nA
TA = TMIN to TMAX
Output Leakage Current, IOUT
0.1
1
µAV
SHDN = 2 V
Short-Circuit Current, IOUT
400
mA
TA = +25
°C
450
mA
TA = TMIN to TMAX
Low Battery Detector Input Threshold, VLBI
1.215
1.255
1.295
V
LBI Input Leakage Current, ILBI
±0.01
±10
nA
VLBI = 1.5 V, TA = +25
°C
±1000
nA
TA = TMIN to TMAX
Low Battery Detector Output Voltage, VLBO
0.25
V
VLBI
< 1.215 V, I
LBO = 10 mA, TA = +25
°C
0.40
V
TA = TMIN to TMAX
Shutdown Input Threshold Voltage, VSHDN
1.5
V
Shutdown Input Leakage Current, ISHDN
±0.01
±10
nA
VSHDN = 0 V to VIN, TA = +25
°C
±1000
nA
TA = TMIN to TMAX
Dropout Detector Output Voltage
0.25
V
(VSET = 0 V, VSHDN = 0 V, RDD = 100 kΩ
VIN = 7 V, IOUT = 10 mA)
4.0
(VSET = 0 V, VSHDN = 0 V, RDD = 100 k
Ω
VIN = 4.5 V, IOUT = 10 mA)
Specifications subject to change without notice.
ABSOLUTE MAXIMUM RATINGS*
(TA= +25°C unless otherwise noted)
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +18 V
Output Short Circuit to GND Duration . . . . . . . . . . . . . . 1 sec
LBO Output Sink Current . . . . . . . . . . . . . . . . . . . . . . . 50 mA
LBO Output Voltage . . . . . . . . . . . . . . . . . . . . . GND to VOUT
SHDN Input Voltage . . . . . . . . . . . . . . . . –0.3 V (VIN + 0.3 V)
LBI, SET Input Voltage . . . . . . . . . . . . . –0.3 V (VIN + 0.3 V)
Power Dissipation, N-8 . . . . . . . . . . . . . . . . . . . . . . . . 625 mW
(Derate 8.3 mW/
°C above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 120
°C/W
Power Dissipation, SO-8 . . . . . . . . . . . . . . . . . . . . . . . 450 mW
(Derate 6 mW/
°C above +50°C)
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 170
°C/W
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . > 6000 V
*This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation sections of this specifica-
tion is not implied. Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
–2–
(VIN = +9 V, GND = 0 V, VOUT = +5 V, CL = 10
µF, T
A = TMIN to TMAX unless
otherwise noted)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com