Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2300AUJZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2300AUJZ-R7 Datasheet HTML 7Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 8Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 9Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 10Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 11Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 12Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 13Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 14Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 11 of 28
1
3
VOUT
VIN
SW
CH1 5mV
CH3 5V
CH2 10V
M1ms
A CH3
11.4V
B
W
B
W
2
Figure 34. ADP2301 Line Transient,
7 V to 15 V, VOUT = 3.3 V, IOUT = 1.2 A, fSW = 1.4 MHz
CH1 1V
CH4 1A
Ω
CH2 10V
M10µs
A CH1
2.56V
2
4
1
B
W
B
W
B
W
VOUT
SW
IL
Figure 35. ADP2301 Short-Circuit Entry, VOUT = 3.3 V
(fSW = 1.4 MHz)
CH1 1V
CH4 1A
Ω
CH2 10V
M100µs
A CH1
1.2V
2
4
1
B
W
B
W
B
W
VOUT
SW
IL
Figure 36. ADP2301 Short-Circuit Recovery, VOUT = 3.3 V
(fSW = 1.4 MHz)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
1
2
1M
CROSS FREQUENCY: 127kHz
PHASE MARGIN: 53°
FREQUENCY (Hz)
Figure 37. ADP2301 Bode Plot, VOUT = 5.0 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 µH, COUT = 10 µF)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
2
1M
CROSS FREQUENCY: 80kHz
PHASE MARGIN: 68°
1
FREQUENCY (Hz)
Figure 38. ADP2301 Bode Plot, VOUT = 3.3 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 µH, COUT = 22 µF)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
1
2
1M
CROSS FREQUENCY: 27kHz
PHASE MARGIN: 76°
FREQUENCY (Hz)
Figure 39. ADP2300 Bode Plot, VOUT = 5.0 V, VIN = 12 V
(fSW = 700 kHz, L = 10 µH, COUT = 22 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com