Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2300AUJZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP2300AUJZ-R7
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2300AUJZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP2300AUJZ-R7 Datasheet HTML 15Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 16Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 17Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 18Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 19Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 20Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 21Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 22Page - Analog Devices ADP2300AUJZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
ADP2300/ADP2301
Rev. C | Page 19 of 28
CATCH DIODE
The catch diode conducts the inductor current during the off
time of the internal MOSFET. The average current of the diode
in normal operation is, therefore, dependent on the duty cycle
of the regulator as well as the output load current.
(max)
)
(
1
LOAD
D
IN
D
OUT
AVG
DIODE
I
V
V
V
V
I
×


+
+
=
where VD is the diode forward drop.
The only reason to select a diode with a higher current rating than
necessary in normal operation is for the worst-case condition, in
which there is a shorted output. In this case, the diode current
increases up to the typical peak current-limit threshold. Be sure to
consult the diode data sheet to ensure that the diode can operate
well within the thermal and electrical limits.
The reverse breakdown voltage rating of the diode must be higher
than the highest input voltage and allow an appropriate margin
for the ringing that may be present on the SW node. A Schottky
diode is recommended for best efficiency because it has a low
forward voltage drop and fast switching speed. Table 8 provides
a list of recommended Schottky diodes.
Table 8. Recommended Schottky Diodes
Vendor
Part No.
V
RRM
(V)
I
AVG
(A)
ON Semiconductor
MBRS230LT3
30
2
MBRS240LT3
40
2
Diodes Inc.
B230A
30
2
B240A
40
2
Vishay
SL23
30
2
SS24
40
2
INPUT CAPACITOR
The input capacitor must be able to support the maximum input
operating voltage and the maximum rms input current. The
maximum rms input current flowing through the input
capacitor is ILOAD(max)/2. Select an input capacitor capable of
withstanding the rms input current for an application’s maxi-
mum load current using the following equation:
)
1
(
(max)
)
(
D
D
I
I
LOAD
RMS
IN
×
×
=
where D is the duty cycle and is equal to
D
IN
D
OUT
V
V
V
V
D
+
+
=
The recommended input capacitor is ceramic with X5R or X7R
dielectrics due to its low ESR and small temperature coefficients.
A capacitance of 10 µF should be adequate for most applications.
To minimize supply noise, place the input capacitor as close to
the VIN pin of the ADP2300/ADP2301 as possible.
OUTPUT CAPACITOR
The output capacitor selection affects both the output voltage ripple
and the loop dynamics of the regulator. The ADP2300/ADP2301
are designed to operate with small ceramic capacitors that have low
equivalent series resistance (ESR) and equivalent series inductance
(ESL) and are, therefore, easily able to meet stringent output voltage
ripple specifications.
When the regulator operates in forced continuous conduction
mode, the overall output voltage ripple is the sum of the voltage
spike caused by the output capacitor ESR plus the voltage ripple
caused by charging and discharging the output capacitor.


+
×
×
×
=
OUT
C
OUT
sw
RIPPLE
RIPPLE
ESR
C
f
I
V
8
1
Capacitors with lower ESR are preferable to guarantee low
output voltage ripple, as shown in the following equation:
RIPPLE
RIPPLE
C
I
V
ESR
OUT
Ceramic capacitors are manufactured with a variety of dielectrics,
each with different behavior over temperature and applied voltage.
X5R or X7R dielectrics are recommended for best performance,
due to their low ESR and small temperature coefficients. Y5V
and Z5U dielectrics are not recommended because of their poor
temperature and dc bias characteristics.
In general, most applications using the ADP2301 (1.4 MHz
switching frequency) require a minimum output capacitor value
of 10 µF, whereas most applications using the ADP2300 (700 kHz
switching frequency) require a minimum output capacitor value
of 20 µF. Some recommended output capacitors for VOUT ≤ 5.0 V
are listed in Table 9.
Table 9. Recommended Capacitors for VOUT ≤ 5.0 V
Vendor
Value
Part No.
Dimensions
L × W × H (mm)
Murata
10 µF, 6.3 V
GRM31MR60J106KE19
3.2 × 1.6 × 1.15
22 µF, 6.3 V
GRM31CR60J226KE19
3.2 × 1.6 × 1.6
TDK
10 µF, 6.3 V
C3216X5R0J106K
3.2 × 1.6 × 1.6
22 µF, 6.3 V
C3216X5R0J226M
3.2 × 1.6 × 0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com