Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR540BKS-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR540BKS-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540BKS-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR540BKS-R2 Datasheet HTML 1Page - Analog Devices ADR540BKS-R2 Datasheet HTML 2Page - Analog Devices ADR540BKS-R2 Datasheet HTML 3Page - Analog Devices ADR540BKS-R2 Datasheet HTML 4Page - Analog Devices ADR540BKS-R2 Datasheet HTML 5Page - Analog Devices ADR540BKS-R2 Datasheet HTML 6Page - Analog Devices ADR540BKS-R2 Datasheet HTML 7Page - Analog Devices ADR540BKS-R2 Datasheet HTML 8Page - Analog Devices ADR540BKS-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Precision Shunt Mode
Voltage References
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Ultracompact SC70 and SOT-23-3 packages
Temperature coefficient: 40 ppm/°C (maximum)
2× the temperature coefficient improvement over the
LM4040
Pin compatible with the LM4040/LM4050
Initial accuracy: ±0.2%
Low output voltage noise: 14 μV p-p @ 2.5 V output
No external capacitor required
Operating current range: 50 μA to 15 mA
Industrial temperature range: −40°C to +85°C
APPLICATIONS
Portable, battery-powered equipment
Automotive
Power supplies
Data acquisition systems
Instrumentation and process control
Energy measurement
Table 1. Selection Guide
Part
Voltage (V)
Initial
Accuracy (%)
Temperature
Coefficient
(ppm/°C)
ADR520A
2.048
±0.4
70
ADR520B
2.048
±0.2
40
ADR525A
2.5
±0.4
70
ADR525B
2.5
±0.2
40
ADR530A
3.0
±0.4
70
ADR530B
3.0
±0.2
40
ADR540A
4.096
±0.4
70
ADR540B
4.096
±0.2
40
ADR550A
5.0
±0.4
70
ADR550B
5.0
±0.2
40
PIN CONFIGURATION
ADR520/
ADR525/
ADR530/
ADR540/
ADR550
V+ 1
V– 2
TRIM
3
Figure 1. 3-Lead SC70 (KS) and 3-Lead SOT-23-3 (RT)
GENERAL DESCRIPTION
Designed for space-critical applications, the ADR520/ADR525/
ADR530/ADR540/ADR550 are high precision shunt voltage
references, housed in ultrasmall SC70 and SOT-23-3 packages.
These references feature low temperature drift of 40 ppm/°C,
an initial accuracy of better than ±0.2%, and ultralow output
noise of 14 μV p-p.
Available in output voltages of 2.048 V, 2.5 V, 3.0 V, 4.096 V,
and 5.0 V, the advanced design of the ADR520/ADR525/
ADR530/ADR540/ADR550 eliminates the need for compensa-
tion by an external capacitor, yet the references are stable with
any capacitive load. The minimum operating current increases
from a mere 50 μA to a maximum of 15 mA. This low operating
current and ease of use make these references ideally suited for
handheld, battery-powered applications.
A trim terminal is available on the ADR520/ADR525/ADR530/
ADR540/ADR550 to allow adjustment of the output voltage
over a ±0.5% range, without affecting the temperature coefficient
of the device. This feature provides users with the flexibility to
trim out any system errors.


Similar Part No. - ADR540BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR540BKS-R2 AD-ADR540BKS-R2 Datasheet
210Kb / 16P
High Precision Shunt Mode Voltage References
12/03-Data Sheet Changed from REV. 0 to REV. A
More results

Similar Description - ADR540BKS-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR520 AD-ADR520 Datasheet
210Kb / 16P
High Precision Shunt Mode Voltage References
12/03-Data Sheet Changed from REV. 0 to REV. A
ADR530BRTZ-REEL7 AD-ADR530BRTZ-REEL7 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530ART AD-ADR530ART Datasheet
273Kb / 12P
High Precision Shunt Mode Voltage References
Rev. F
ADR520 AD-ADR520_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR525 AD-ADR525_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR530 AD-ADR530_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR540 AD-ADR540_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR550 AD-ADR550_15 Datasheet
413Kb / 16P
High Precision Shunt Mode Voltage References
Rev. E
ADR5043 AD-ADR5043_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
ADR5045 AD-ADR5045_15 Datasheet
425Kb / 16P
Precision Micropower Shunt Mode Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com