Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR540BKS-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # ADR540BKS-R2
Description  High Precision Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR540BKS-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADR540BKS-R2 Datasheet HTML 7Page - Analog Devices ADR540BKS-R2 Datasheet HTML 8Page - Analog Devices ADR540BKS-R2 Datasheet HTML 9Page - Analog Devices ADR540BKS-R2 Datasheet HTML 10Page - Analog Devices ADR540BKS-R2 Datasheet HTML 11Page - Analog Devices ADR540BKS-R2 Datasheet HTML 12Page - Analog Devices ADR540BKS-R2 Datasheet HTML 13Page - Analog Devices ADR540BKS-R2 Datasheet HTML 14Page - Analog Devices ADR540BKS-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADR520/ADR525/ADR530/ADR540/ADR550
Rev. E | Page 11 of 1
6
THEORY OF OPERATION
The ADR520/ADR525/ADR530/ADR540/ADR550 use the
band gap concept to produce a stable, low temperature coefficient
voltage reference suitable for high accuracy data acquisition
components and systems. The devices use the physical nature of a
silicon transistor base-emitter voltage (VBE) in the forward-biased
operating region. All such transistors have approximately a
−2 mV/°C temperature coefficient (TC), making them unsuitable
for direct use as low temperature coefficient references. Extra-
polation of the temperature characteristics of any one of these
devices to absolute zero (with the collector current proportional
to the absolute temperature), however, reveals that its VBE
approaches approximately the silicon band gap voltage. Thus,
if a voltage develops with an opposing temperature coefficient
to sum the VBE, a zero temperature coefficient reference results.
The ADR520/ADR525/ADR530/ADR540/ADR550 circuit
shown in Figure 18 provides such a compensating voltage (V1)
by driving two transistors at different current densities and
amplifying the resultant VBE difference (ΔVBE, which has a
positive temperature coefficient). The sum of VBE and V1
provides a stable voltage reference over temperature.
VBE
+
–
ΔVBE
+
–
V1
V–
V+
+
–
Figure 18. Circuit Schematic
APPLICATIONS
The ADR520/ADR525/ADR530/ADR540/ADR550 are a
series of precision shunt voltage references. They are designed
to operate without an external capacitor between the positive
and negative terminals. If a bypass capacitor is used to filter the
supply, the references remain stable.
All shunt voltage references require an external bias resistor (RBIAS)
between the supply voltage and the reference (see Figure 19).
RBIAS sets the current that flows through the load (IL) and the
reference (IIN). Because the load and the supply voltage can vary,
RBIAS needs to be chosen based on the following considerations:
•
RBIAS must be small enough to supply the minimum IIN
current to the ADR520/ADR525/ADR530/ADR540/
ADR550, even when the supply voltage is at its minimum
value and the load current is at its maximum value.
•
RBIAS must be large enough so that IIN does not exceed
15 mA when the supply voltage is at its maximum value
and the load current is at its minimum value.
VOUT
VS
ADR550
IL
IIN
R
IIN + IL
Figure 19. Shunt Reference
Given these conditions, RBIAS is determined by the supply
voltage (VS), the load and operating currents (IL and IIN) of
the ADR520/ADR525/ADR530/ADR540/ADR550, and the
output voltage (VOUT) of the ADR520/ADR525/ADR530/
ADR540/ADR550.
IN
L
OUT
S
BIAS
I
I
V
V
R
+
−
=
(3)
Precision Negative Voltage Reference
The ADR520/ADR525/ADR530/ADR540/ADR550 are suit-
able for applications where a precise negative voltage is desired.
Figure 20 shows the ADR525 configured to provide a negative
output.
VS
–2.5V
ADR525
R
Figure 20. Negative Precision Reference Configuration
Output Voltage Trim
The trim terminal of the ADR520/ADR525/ADR530/ADR540/
ADR550 can be used to adjust the output voltage over a range
of ±0.5%. This allows systems designers to trim system errors
by setting the reference to a voltage other than the preset output
voltage. An external mechanical or electrical potentiometer can
be used for this adjustment. Figure 21 illustrates how the output
voltage can be trimmed using the AD5273, an Analog Devices,
Inc., 10 kΩ potentiometer.
R1
470kΩ
POTENTIOMETER
10kΩ
ADR530
AD5273
R
VOUT
VS
Figure 21. Output Voltage Trim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com