Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4666-2ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4666-2ARMZ
Description  18 V, 725 A, 4 MHz CMOS RRIO Operational Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4666-2ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4666-2ARMZ Datasheet HTML 6Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 7Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 8Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 9Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 10Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 11Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 12Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 13Page - Analog Devices ADA4666-2ARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADA4666-2
Data Sheet
Rev. 0 | Page 10 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration, 8-Lead MSOP
Figure 5. Pin Configuration, 8-Lead LFCSP
Table 7. Pin Function Descriptions
Pin No.1
Mnemonic
Description
8-Lead MSOP
8-Lead LFCSP
1
1
OUT A
Output, Channel A.
2
2
−IN A
Negative Input, Channel A.
3
3
+IN A
Positive Input, Channel A.
4
4
V−
Negative Supply Voltage.
5
5
+IN B
Positive Input, Channel B.
6
6
−IN B
Negative Input, Channel B.
7
7
OUT B
Output, Channel B.
8
8
V+
Positive Supply Voltage.
N/A
92
EPAD
Exposed Pad. For the 8-lead LFCSP only, connect the exposed pad to V− or leave it
unconnected.
1
N/A means not applicable.
2
The exposed pad is not shown in the pin configuration diagram, Figure 5.
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4666-2
TOP VIEW
(Not to Scale)
ADA4666-2
TOP VIEW
(Not to Scale)
NOTES
1. CONNECT THE EXPOSED PAD TO V– OR
LEAVE IT UNCONNECTED.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8 V+
7 OUT B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com